Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM4530P Datasheet(PDF) 3 Page - MORNSUN Science& Technology Ltd.

Part # TM4530P
Description  Isolated Transmitter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

TM4530P Datasheet(HTML) 3 Page - MORNSUN Science& Technology Ltd.

  TM4530P Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. TM4530P Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. TM4530P Datasheet HTML 3Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Isolated Transmitter
TMxxxxP Series
2014.03.18-A/4
Page 3 of3
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Design Reference
1. Schematic diagram
12-
11+
1-
2+
23+
24-
Sin-
Sout+
Sin+
Sout-
Signal input
Power supply
Signal output
Current output
12-
11+
1-
3+
23+
24-
Sin-
Sout+
Sin+
Sout-
Signal input
Powe r supply
Signal output
Voltage output
2. Application circuit diagram
Signal output
Signal input
Power supply
-
-
24 23
16 15
13
14
11 12
1 2
3
Current output
Signal output
Signal input
Power supply
-
-
24 23
16 15
13
14
11 12
1 2
3
Voltage output
3. For more information please find the application notes on www.mornsun-power.com
Dimensions and Recommended Layout
Notes:
1. Packing Information please refer to 'Product Packing Information'. Packing bag number: 58210008;
2. Unless otherwise specified, data in this datasheet should be tested under the conditions of Ta=25℃, humidity<75% when inputting
nominal voltage and outputting rated load;
3. All index testing methods in this datasheet are based on our Company’s corporate standards;
4. The performance indexes of the product models listed in this datasheet are as above, but some indexes of non-standard model
products will exceed the above-mentioned requirements, and please directly contact our technician for specific information;
5. We can provide product customization service;
6. Specifications of this product are subject to changes without prior notice.
Mornsun Guangzhou Science & Technology Co., Ltd.
Address: No. 5, Kehui St. 1, Kehui Development Center, Science Ave., Guangzhou Science City, Luogang District, Guangzhou, P. R. China
Tel: 86-20-38601850-8801
Fax: 86-20-38601272
E-mail: info@mornsun.cn



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com