Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6208Q Datasheet(PDF) 14 Page - STMicroelectronics

Part # L6208Q
Description  DMOS driver for bipolar stepper motor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6208Q Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L6208Q Datasheet HTML 10Page - STMicroelectronics L6208Q Datasheet HTML 11Page - STMicroelectronics L6208Q Datasheet HTML 12Page - STMicroelectronics L6208Q Datasheet HTML 13Page - STMicroelectronics L6208Q Datasheet HTML 14Page - STMicroelectronics L6208Q Datasheet HTML 15Page - STMicroelectronics L6208Q Datasheet HTML 16Page - STMicroelectronics L6208Q Datasheet HTML 17Page - STMicroelectronics L6208Q Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
Circuit description
L6208Q
14/34
DocID018710 Rev 3
5.3
PWM current control
The L6208Q device includes a constant OFF time PWM current controller for each of the
two bridges. The current control circuit senses the bridge current by sensing the voltage
drop across an external sense resistor connected between the source of the two lower
power MOSFET transistors and ground, as shown in Figure 12. As the current in the load
builds up, the voltage across the sense resistor increases proportionally. When the voltage
drop across the sense resistor becomes greater than the voltage at the reference input
(VREFA or VREFB), the sense comparator triggers the monostable switching the low-side
MOSFET off. The low-side MOSFET remains off for the time set by the monostable and the
motor current recirculates in the upper path. When the monostable times out, the bridge
again turns on. As the internal deadtime, used to prevent cross conduction in the bridge,
delays the turn-on of the power MOSFET, the effective OFF time is the sum of the
monostable time plus the deadtime.
Figure 12. PWM current controller simplified schematic
Figure 13 shows the typical operating waveforms of the output current, the voltage drop
across the sensing resistor, the RC pin voltage and the status of the bridge. More details
regarding the Synchronous Rectification and the output stage configuration are included in
Section 5.4.
Immediately after the low-side Power MOSFET turns on, a high peak current flows through
the sensing resistor due to the reverse recovery of the freewheeling diodes. The L6208Q
device provides a 1
s blanking time tBLANK that inhibits the comparator output so that this
current spike cannot prematurely re-trigger the monostable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com