Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6208Q Datasheet(PDF) 24 Page - STMicroelectronics

Part # L6208Q
Description  DMOS driver for bipolar stepper motor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6208Q Datasheet(HTML) 24 Page - STMicroelectronics

Back Button L6208Q Datasheet HTML 20Page - STMicroelectronics L6208Q Datasheet HTML 21Page - STMicroelectronics L6208Q Datasheet HTML 22Page - STMicroelectronics L6208Q Datasheet HTML 23Page - STMicroelectronics L6208Q Datasheet HTML 24Page - STMicroelectronics L6208Q Datasheet HTML 25Page - STMicroelectronics L6208Q Datasheet HTML 26Page - STMicroelectronics L6208Q Datasheet HTML 27Page - STMicroelectronics L6208Q Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
Application information
L6208Q
24/34
DocID018710 Rev 3
6
Application information
A typical application using the L6208Q device is shown in Figure 25. Typical component
values for the application are shown in Table 6. A high quality ceramic capacitor in the range
of 100 to 200 nF should be placed between the power pins (VSA and VSB) and ground near
the L6208Q to improve the high frequency filtering on the power supply and reduce high
frequency transients generated by the switching. The capacitors connected from the EN
input to ground set the shutdown time when an overcurrent is detected (see Section 5.9 on
page 20). The two current sensing inputs (SENSEA and SENSEB) should be connected to
the sensing resistors with a trace length as short as possible in the layout. The sense
resistors should be non-inductive resistors to minimize the di/dt transients across the
resistor. To increase noise immunity, unused logic pins (except EN) are best connected to 5
V (high logic level) or GND (low logic level) (see Section 3 on page 6). It is recommended to
keep power ground and signal ground separate on the PCB.
Table 6. Component values for typical application
Component
Value
C1
100
F
C2
100 nF
CA
1 nF
CB
1 nF
CBOOT
220 nF
CP
10 nF
CENB
5.6 nF
CREF
68 nF
D1
1N4148
D2
1N4148
RA
39 k
RB
39 k
REN
100 k
RP
100
RSENSEA
0.3
RSENSEB
0.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com