Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9953LXP Datasheet(PDF) 11 Page - STMicroelectronics

Part # L9953LXP
Description  Door actuator driver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9953LXP Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L9953LXP Datasheet HTML 7Page - STMicroelectronics L9953LXP Datasheet HTML 8Page - STMicroelectronics L9953LXP Datasheet HTML 9Page - STMicroelectronics L9953LXP Datasheet HTML 10Page - STMicroelectronics L9953LXP Datasheet HTML 11Page - STMicroelectronics L9953LXP Datasheet HTML 12Page - STMicroelectronics L9953LXP Datasheet HTML 13Page - STMicroelectronics L9953LXP Datasheet HTML 14Page - STMicroelectronics L9953LXP Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
L9953LXP
Electrical specifications
Doc ID 16185 Rev 3
11/35
Table 8.
Overvoltage and under voltage detection
Symbol
Parameter
Test condition
Min.
Typ.
Max
Unit
VSUV On VS UV-threshold voltage
VS increasing
5.7
7.2
V
VSUV Off VS UV-threshold voltage
VS decreasing
5.5
6.9
V
VSUV Hyst VS UV-hysteresis
VSUV On - VSUV Off
0.5
V
VSOV Off VS OV-threshold voltage
VS increasing
18
24.5
V
VSOV On VS OV-threshold voltage
VS decreasing
17.5
23.5
V
VSOV Hyst VS OV-hysteresis
VSOV Off - VSOV On
1V
VPOR Off Power-on reset threshold
VCC increasing
4.4
V
VPOR On Power-on reset threshold
VCC decreasing
3.1
V
VPOR Hyst Power-on reset hysteresis
VPOR Off - VPOR On
0.3
V
Table 9.
Current monitor output
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VCM
Functional voltage range
VCC = 5V
0
4
V
ICM,r
Current monitor output
ratio:
ICM /IOUT 4,5,8
0V
≤ VCM ≤ 4V, VCC=5V
-
Current monitor output
ratio:
ICM /IOUT1
-
ICM acc
Current monitor accuracy
Acc ICM /IOUT 4,5,8
0 V
≤ VCM ≤ 3.8V,
VCC = 5V,
IOut,min 4,5,8= 0.5A,
IOut max 4,5,8= 5.9A
4% +
1%FS
8% +
2%FS
-
Current monitor accuracy
Acc ICM /IOUT 1
0 V
≤ VCM ≤ 3.8V,
VCC = 5V,
IOut,min 1= 60mA,
IOut max 1= 0.6A
Table 10.
Charge pump output
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VCP
Charge pump output
voltage
VS = 8V, ICP = -60µA
VS+6
VS+13
V
VS = 10V, ICP = -80µA
VS+8
VS+13
V
VS ≥ 12V, ICP = -100µA
VS+10
VS+13
V
ICP
Charge pump output
current
VCP = VS+10V, VS =13.5V
95
150
300
µA
1
10000
----------------
1
4000
-------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com