Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9953LXP Datasheet(PDF) 14 Page - STMicroelectronics

Part # L9953LXP
Description  Door actuator driver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9953LXP Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L9953LXP Datasheet HTML 10Page - STMicroelectronics L9953LXP Datasheet HTML 11Page - STMicroelectronics L9953LXP Datasheet HTML 12Page - STMicroelectronics L9953LXP Datasheet HTML 13Page - STMicroelectronics L9953LXP Datasheet HTML 14Page - STMicroelectronics L9953LXP Datasheet HTML 15Page - STMicroelectronics L9953LXP Datasheet HTML 16Page - STMicroelectronics L9953LXP Datasheet HTML 17Page - STMicroelectronics L9953LXP Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
Electrical specifications
L9953LXP
14/35
Doc ID 16185 Rev 3
frec0
Recovery frequency for
OC recovery duty cycle
bit=0
28
kHz
frec1
Recovery frequency for
OC recovery duty cycle
bit=1
316
kHz
dVOUT123/dt
dVOUT67/dt
Slew rate of OUT123 and
OUT67
VS =13.5 V, Rload=
(1)
0.1
0.4
0.9
V/µs
dVOUT45/dt
Slew rate of OUT4 and
OUT5
VS =13.5 V, Rload=
(1)
0.08
0.2
0.4
V/µs
dVOUT8/dt
Slew rate of OUT8
VS =13.5 V, Rload=
(1)
0.08
0.2
0.4
V/µs
1.
OUT1,2,3 32Ohm OUT4,5 4Ohm OUT6,7 16Ohm OUT6,7 high RDSon mode 63Ohm OUT8 4Ohm
2.
tCC ON is the switch On delay time td ON if complement in half bridge has to switch off.
Table 11.
OUT1 - OUT8 (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com