Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R1SE-0505-R Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # R1SE-0505-R
Description  1 Watt SMD Single Output
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

R1SE-0505-R Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  R1SE-0505-R Datasheet HTML 1Page - List of Unclassifed Manufacturers R1SE-0505-R Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ECONOLINE
DC/DC-Converter
with 3 year Warranty
R1SE
www.recom-power.com
REV: 0/2014
E-30
Selection Guide
1 Watt SMD
Isolated
Single Output
Derating-Graph
(Ambient Temperature)
● 1 : 1 Input Range
● SMD Package
● Efficiency up to 75%
● 1kVDC Isolation
● Operating Temperature from -40°C to +85°C
● UL Certified
Features
Unregulated
Converter
Part
Input
Output
Output
Efficiency
Number
Voltage
Voltage
Current
typ.
SMD
(VDC)
(VDC)
(mA)
(%)
R1SE**-0505*
5
5
200
75
*add suffix -R for tape & reel packing
Refer to Application Notes
Specifications (measured at TA = 25°C, nominal input voltage full load and after warm up)
Input Voltage Range
±10% max.
Voltage set accurancy
100% Load/nominal Vin
-2% typ. / ±5% max.
Line Regulation
Low Line to High Line @ max. Load
1.2% typ.
Load Regulation
(10% to 100% Load)
10% typ. / 15% max.
Ripple & Noise @ 20MHz BW
68mVp-p typ. / 100mVp-p max.
Efficiency
100% Load
70% min. / 75% max.
Operating Temperature
-40°C to + 85°C
Storage Temperature
-55°C to +125°C
Isolation Test Voltage
(tested for 1 second)
1000VDC
(rated for 1 minute***)
500VAC / 60Hz
Isolation Capacitance
75pF max.
Isolation Resistance
Viso = 500V
10 G
Ω min.
Humidity
95% max.
Operating Frequency
Vin (nom.)
20kHz min. / 70 kHz max.
Short-Circuit Protection
1 Second
Weight
1.0g
MTBF
Using MIL-HDBK 217F (+90°C)
172 x 10³ hours
Using MIL-HDBK 217F (+25°C)
1022 x 10³ hours
Detailed Information see Application Notes chapter „MTBF“
Certification
UL General Safety
Report: E358085-A2
UL60950-1
100
60
20
40
50
0
-40
150
Operating Temperature °C
0
80
Safe Operating Area
100
85
Tolerance Envelopes
+10%
+5%
VNOM
+5%
-2%
-5%
10%
50%
100%
Typical Load Line
+Vout and -Vout load current (%)
Tolerance Envelopes
RoHS
2011/65/EU
6/6
** without marking denotes 5 pins out of 8 fitted
with marking 8 denotes 8 pins out of 8 fitted
Case and Pinning Options
***Any data referred to in this datasheet are of indivative nature and based on our practical experience only. For further details, please refer
to our Application Notes.
UL-60950-1 Certified
E358085


Similar Part No. - R1SE-0505-R

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R1SE-0505 RECOM-R1SE-0505 Datasheet
227Kb / 3P
1 Watt SMD Single Output
R1SE-0505 RECOM-R1SE-0505 Datasheet
99Kb / 2P
1 Watt SMD Isolated Single Output
R1SE-0505/H2-R RECOM-R1SE-0505/H2-R Datasheet
285Kb / 4P
1 Watt SMD Single Output
More results

Similar Description - R1SE-0505-R

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RSS-121.8 RECOM-RSS-121.8 Datasheet
114Kb / 4P
1 Watt SMD Single & Dual Output
R1S-0505 RECOM-R1S-0505 Datasheet
160Kb / 4P
1 Watt SMD Single & Dual Output
logo
List of Unclassifed Man...
R1S-0505-E ETC2-R1S-0505-E Datasheet
110Kb / 2P
1 Watt SMD Single Output
logo
Recom International Pow...
R1SE RECOM-R1SE Datasheet
227Kb / 3P
1 Watt SMD Single Output
R1S-E RECOM-R1S-E Datasheet
111Kb / 2P
1 Watt SMD Single Output
R1SE-H2 RECOM-R1SE-H2 Datasheet
285Kb / 4P
1 Watt SMD Single Output
R1SX RECOM-R1SX Datasheet
447Kb / 6P
1 Watt SMD Single Output
R1DX RECOM-R1DX Datasheet
1Mb / 8P
1 Watt SMD Single & Dual Output
R1ZX RECOM-R1ZX Datasheet
388Kb / 5P
1 Watt SMD Single Output
R1M RECOM-R1M Datasheet
869Kb / 6P
1 Watt SMD Single & Dual Output
REV.: 0/2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com