Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R1SE-0505-R Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # R1SE-0505-R
Description  1 Watt SMD Single Output
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

R1SE-0505-R Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  R1SE-0505-R Datasheet HTML 1Page - List of Unclassifed Manufacturers R1SE-0505-R Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Package Style and Pinning (mm)
UNIT: mm
TOL.: ± 0.25 mm
Pin Connections
Pin # Function for 5 Pins
Funtion for 8 Pins
1
–Vin
- Vin
2
+Vin
+Vin
4
-Vout
-Vout
5
+Vout
+Vout
3, 6, 7
No Pin
NC
8NC
NC
NC= No Connection
E-31
www.recom-international.com
REV: 0/2014
ECONOLINE
DC/DC-Converter
R1SE-0505
Series
Typical Characteristics
R1SE-0505
0% 10% 20% 30% 40% 50% 60% 70% 80% 90%100%
-10
-5
0
5
10
15
20
25
Deviation/Load
Load %
0% 10% 20% 30% 40% 50% 60% 70% 80% 90%100%
0
10
20
30
40
50
60
70
Efficiency/Load
Load %
80
90
100
12.75
6.70
7.00
2.54x3
10.70
11.10
RECOM
R1SE-0505
1131
12
3
87
11.10
0.50
Footprint
2.54
1.20
1.80
12.00
4
6
5
Pb
The product information and specifications are subject to change without prior notice. All products are designed for non-safety critical commercial and industrial applications.
The Buyer agrees to implement safeguards that anticipate the consequences of any failures that might cause harm, loss of life and/or damage property.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com