Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLSP0020JB-A Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # PLSP0020JB-A
Description  Old Company Name in Catalogs and Other Documents
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PLSP0020JB-A Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button PLSP0020JB-A Datasheet HTML 43Page - Renesas Technology Corp PLSP0020JB-A Datasheet HTML 44Page - Renesas Technology Corp PLSP0020JB-A Datasheet HTML 45Page - Renesas Technology Corp PLSP0020JB-A Datasheet HTML 46Page - Renesas Technology Corp PLSP0020JB-A Datasheet HTML 47Page - Renesas Technology Corp PLSP0020JB-A Datasheet HTML 48Page - Renesas Technology Corp PLSP0020JB-A Datasheet HTML 49Page - Renesas Technology Corp PLSP0020JB-A Datasheet HTML 50Page - Renesas Technology Corp PLSP0020JB-A Datasheet HTML 51Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 49 / 51 page
background image
A - 2
REVISION HISTORY
R8C/1A Group, R8C/1B Group Datasheet
1.00
Sep 01, 2005
18
Table 4.3 SFR Information(3);
0085h:
“Prescaler Z”
→ “Prescaler Z Register”
0086h:
“Timer Z Secondary”
→ “Timer Z Secondary Register”
0087h:
“Timer Z Primary”
→ “Timer Z Primary Register”
008Ch:
“Prescaler X”
→ “Prescaler X Register”
008Dh:
“Timer X”
→ “Timer X Register”
0090h, 0091h: “Timer C”
→ “Timer C Register” revised
21
Table 5.3 A/D Converter Characteristics;
Vref and VIA: Standard value, NOTE4 revised
22
Table 5.4 Flash Memory (Program ROM) Electrical Characteristics;
NOTES3 and 5 revised, NOTE8 deleted
23
T
able 5.5 Flash Memory (Data flash Block A, Block B) Electrical
Characteristics; NOTES1 and 3 revised
25
Table 5.8 Reset Circuit Electrical Characteristics (When Using Voltage
Monitor 1 Reset); NOTE2 revised
26
Table 5.10 High-speed On-Chip Oscillator Circuit Electrical
Characteristics;
“High-Speed On-Chip Oscillator ...”
→ “High-Speed On-Chip Oscillator
Frequency ...” revised,
NOTE2 added
33
Table 5.15 Electrical Characteristics (2) [Vcc = 5V];
NOTE1 deleted
37
Table 5.22 Electrical Characteristics (4) [Vcc = 3V];
NOTE1 deleted
1.10
Dec 16, 2005
−
Products of PWQN0028KA-B package included
5, 6
Table 1.3, Table 1.4 revised
24
Table 5.4 Flash Memory (Program ROM) Electrical Characteristics;
NOTE 8 added, Topr
→ Ambient temperature
25
Table 5.5 Flash Memory (Data flash Block A, Block B) Electrical
Characteristics; NOTE 9 added, Topr
→ Ambient temperature
28
Table 5.10 High-speed On-Chip Oscillator Circuit Electrical
Characteristics; NOTE 3 added
29
Table 5.12; tSA and tOR revised, NOTE: 1. VCC = 2.2 to
→ 2.7 to
33
Table 5.13; NOTE: 1. VCC = 2.2 to
→ 2.7 to
35, 39
Table 5.15, Table 5.22; The title revised, Condition of Stop Mode added
37, 41
Table 5.19, Table 5.26; td(C-Q) and tsu(D-C) revised
42, 43
Package Dimensions revised
1.20
Mar 31, 2006
5, 6
Table 1.3, Table 1.4; Type No. added, deleted
16, 17
Figure 3.1, Figure 3.2; Part Number added, deleted
24, 25
Table 5.4, Table 5.5; Conditions: VCC = 5.0 V at Topr = 25
°C deleted,
1.30
Oct 03, 2006
all pages Y version added
Factory programming product added
Rev.
Date
Description
Page
Summary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com