Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLSP0020JB-A Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # PLSP0020JB-A
Description  Old Company Name in Catalogs and Other Documents
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PLSP0020JB-A Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button PLSP0020JB-A Datasheet HTML 25Page - Renesas Technology Corp PLSP0020JB-A Datasheet HTML 26Page - Renesas Technology Corp PLSP0020JB-A Datasheet HTML 27Page - Renesas Technology Corp PLSP0020JB-A Datasheet HTML 28Page - Renesas Technology Corp PLSP0020JB-A Datasheet HTML 29Page - Renesas Technology Corp PLSP0020JB-A Datasheet HTML 30Page - Renesas Technology Corp PLSP0020JB-A Datasheet HTML 31Page - Renesas Technology Corp PLSP0020JB-A Datasheet HTML 32Page - Renesas Technology Corp PLSP0020JB-A Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 51 page
background image
R8C/1A Group, R8C/1B Group
5. Electrical Characteristics
Rev.1.40
Dec 08, 2006
Page 27 of 45
REJ03B0144-0140
NOTES:
1.
VCC = 2.7 to 5.5 V at Topr =
−20 to 85 °C / −40 to 85 °C, unless otherwise specified.
2.
Definition of programming/erasure endurance
The programming and erasure endurance is defined on a per-block basis.
If the programming and erasure endurance is n (n = 100 or 10,000), each block can be erased n times. For example, if 1,024
1-byte writes are performed to block A, a 1 Kbyte block, and then the block is erased, the programming/erasure endurance
still stands at one. However, the same address must not be programmed more than once per erase operation (overwriting
prohibited).
3.
Endurance to guarantee all electrical characteristics after program and erase. (1 to Min. value can be guaranteed).
4.
If emergency processing is required, a suspend request can be generated independent of this characteristic. In that case the
normal time delay to suspend can be applied to the request. However, we recommend that a suspend request with an
interval of less than 650
µs is only used once because, if the suspend state continues, erasure cannot operate and the
incidence of erasure error rises.
5.
In a system that executes multiple programming operations, the actual erasure count can be reduced by writing to sequential
addresses in turn so that as much of the block as possible is used up before performing an erase operation. For example,
when programming groups of 16 bytes, the effective number of rewrites can be minimized by programming up to 128 groups
before erasing them all in one operation. It is also advisable to retain data on the erase count of each block and limit the
number of erase operations to a certain number.
6.
If an error occurs during block erase, attempt to execute the clear status register command, then execute the block erase
command at least three times until the erase error does not occur.
7.
Customers desiring programming/erasure failure rate information should contact their Renesas technical support
representative.
8.
-40
°C for D version.
9.
The data hold time includes time that the power supply is off or the clock is not supplied.
Table 5.5
Flash Memory (Data flash Block A, Block B) Electrical Characteristics
Symbol
Parameter
Conditions
Standard
Unit
Min.
Typ.
Max.
−
Program/erase endurance(2)
10,000(3)
−−
times
−
Byte program time
(Program/erase endurance
≤ 1,000 times)
−
50
400
µs
−
Byte program time
(Program/erase endurance
> 1,000 times)
−
65
−µs
−
Block erase time
(Program/erase endurance
≤ 1,000 times)
−
0.2
9
s
−
Block erase time
(Program/erase endurance
> 1,000 times)
−
0.3
−
s
td(SR-SUS)
Time Delay from suspend request until
suspend
−−
97+CPU clock
× 6 cycles
µs
−
Interval from erase start/restart until
following suspend request
650
−−
µs
−
Interval from program start/restart until
following suspend request
0
−−
ns
−
Time from suspend until program/erase
restart
−−
3+CPU clock
× 4 cycles
µs
−
Program, erase voltage
2.7
−
5.5
V
−
Read voltage
2.7
−
5.5
V
−
Program, erase temperature
-20(8)
−
85
°C
−
Data hold time(9)
Ambient temperature = 55
°C20
−−
year



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com