Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FRN-R-10 Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # FRN-R-10
Description  FUSETRON 250V Class RK5
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

FRN-R-10 Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  FRN-R-10 Datasheet HTML 1Page - Cooper Bussmann, Inc. FRN-R-10 Datasheet HTML 2Page - Cooper Bussmann, Inc. FRN-R-10 Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
0713
BU-SB13730
Page 1 of 3
Data Sheet # 1019
FUSETRON™ 250V Class RK5
FRN-R — 250Vac/125Vdc, 1⁄10-60A, Dual Element, Time-Delay Fuses
Description: Advanced protection, energy efficient Class RK5
dual element, current-limiting, time-delay fuses with optional
open fuse indication on select ratings.
Time-delay – 10 seconds (minimum) at 500% of rated current
(8 seconds for 1⁄10-30A sizes).
Catalog Symbol: FRN-R-(amp) (non-indicating)
FRN-R-(amp)ID (indicating)
Ratings:
Volts — 250Vac, 125Vdc
Amps — 1⁄10-60 Amps
IR — 200kA Vac RMS Sym.
— 20kA Vdc
Agency Information:
CE, UL Listed, Std. 248-12, Class RK-5, Guide JDDZ,
File E4273
CSA Certified, C22.2 No. 248.12, Class 1422-02, File 53787
Catalog Numbers (amps) — Non-indictaing fuses
FRN-R-1⁄10
FRN-R-18⁄10
FRN-R-8*
FRN-R-1⁄8
FRN-R-2
FRN-R-9*
FRN-R-15⁄100
FRN-R-21⁄4
FRN-R-10*
FRN-R-2⁄10
FRN-R-21⁄2
FRN-R-12*
FRN-R-1⁄4
FRN-R-28⁄10
FRN-R-15*
FRN-R-3⁄10
FRN-R-3
FRN-R-171⁄2*
FRN-R-4⁄10
FRN-R-32⁄10
FRN-R-20*
FRN-R-1⁄2
FRN-R-31⁄2
FRN-R-25*
FRN-R-6⁄10
FRN-R-4
FRN-R-30*
FRN-R-8⁄10
FRN-R-41⁄2
FRN-R-35*
FRN-R-1
FRN-R-5
FRN-R-40*
FRN-R-11⁄8
FRN-R-56⁄10
FRN-R-45*
FRN-R-11⁄4
FRN-R-6
FRN-R-50*
FRN-R-14⁄10
FRN-R-61⁄4
FRN-R-60*
FRN-R-11⁄2
FRN-R-7
FRN-R-16⁄10
FRN-R-71⁄2
* Open fuse indication available by inserting the sufix “ID.” E.g., FRN-R-15
ID.
Carton Quantity and Weight
Amp Rating
Carton Qty.
1
⁄10–15
10
171⁄2–30
10
35–60
10
Dimensions - in
Features:
• Provides motor overload, ground fault and short-circuit
protection
• Helps protect motors against burnout from overloads
• Helps protect motors against burnout from single-phasing
on three-phase systems
• Simplifies and improves blackout prevention
(selective coordination)
• Dual-element fuses can be applied in circuits subject to
temporary motor overloads and surge currents to provide
both high performance short-circuit and overload
protection
• The overload element provides protection against low level
overcurrent of overloads and will hold an overload which is
five times greater than the ampere rating of the fuse for a
minimum of ten seconds.
Recommended Fuse Blocks
Fuse Amps
1-Pole
2-Pole
3-Pole
0-30
H25030-1
H25030-2
H25030-3
R25030-1
R25030-2
R25030-3
35-60
H25060-1
H25060-2
H25060-3
R25060-1
R25060-2
R25060-3
For additional information on the 250 volt fuse blocks, see
Data Sheets # 1110 (R250), # 1112 (H250).
Fuse Reducers For Class R Fuses
Equipment
Desired Fuse
Catalog Numbers
Fuse Clips
(Case) Size
(Pairs) 250V
60A
30A
NO.263-R
100A
30A
NO.213-R
60A
NO.216-R
200A
60A
NO.226-R
For additional information on Class R fuse reducers, see
Data Sheet # 1118.
0.56" (±0.008)
2"
(± 0.31)
1/10 to 30A
3"
35 to 60A
0.81" (±0.008)
(± 0.31)


Similar Part No. - FRN-R-10

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
FRN-R-10 EATON-FRN-R-10 Datasheet
672Kb / 6P
Fusetron??FRN-R Class RK5 250Vac/125Vdc 1??0-60A, dual element, time-delay fuses
logo
Cooper Bussmann, Inc.
FRN-R-10* COOPER-FRN-R-10* Datasheet
672Kb / 6P
Fusetron??FRN-R Class RK5 250Vac/125Vdc 1??0-60A, dual element, time-delay fuses
FRN-R-100 COOPER-FRN-R-100 Datasheet
577Kb / 4P
Fusetron??FRN-R Class RK5 250Vac, 125/250Vdc 70-600A, dual element, time-delay fuses
logo
Eaton All Rights Reserv...
FRN-R-100 EATON-FRN-R-100 Datasheet
577Kb / 4P
Fusetron??FRN-R Class RK5 250Vac, 125/250Vdc 70-600A, dual element, time-delay fuses
More results

Similar Description - FRN-R-10

ManufacturerPart #DatasheetDescription
logo
Littelfuse
FLNR LITTELFUSE-FLNR Datasheet
418Kb / 1P
FLNR/FLSR Class RK5 Fuses
logo
Cooper Bussmann, Inc.
FRN-R-2 COOPER-FRN-R-2 Datasheet
269Kb / 3P
FUSETRON 250V Class RK5
FRS-R-65 COOPER-FRS-R-65_16 Datasheet
258Kb / 3P
Fusetron??600V Class RK5
FRN-R-70 COOPER-FRN-R-70 Datasheet
577Kb / 4P
Fusetron??FRN-R Class RK5 250Vac, 125/250Vdc 70-600A, dual element, time-delay fuses
FRN-R-1 COOPER-FRN-R-1 Datasheet
672Kb / 6P
Fusetron??FRN-R Class RK5 250Vac/125Vdc 1??0-60A, dual element, time-delay fuses
logo
Eaton All Rights Reserv...
FRN-R EATON-FRN-R Datasheet
672Kb / 6P
Fusetron??FRN-R Class RK5 250Vac/125Vdc 1??0-60A, dual element, time-delay fuses
FRN-R-70 EATON-FRN-R-70 Datasheet
577Kb / 4P
Fusetron??FRN-R Class RK5 250Vac, 125/250Vdc 70-600A, dual element, time-delay fuses
logo
Littelfuse
FLNR_ID LITTELFUSE-FLNR_ID_V01 Datasheet
211Kb / 3P
Class RK5 Fuses FLNR_ID Series
Rev: 090721
FLNR LITTELFUSE-FLNR_V01 Datasheet
249Kb / 4P
Class RK5 Fuses FLNR Series
Rev: 090721
FLSR_ID LITTELFUSE-FLSR_ID_V01 Datasheet
242Kb / 4P
Class RK5 Fuses FLSR_ID Series
Rev: 090721
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com