Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMP008S104 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # FMP008S104
Description  Code for Special Contacts
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FMP008S104 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button FMP008S104 Datasheet HTML 9Page - List of Unclassifed Manufacturers FMP008S104 Datasheet HTML 10Page - List of Unclassifed Manufacturers FMP008S104 Datasheet HTML 11Page - List of Unclassifed Manufacturers FMP008S104 Datasheet HTML 12Page - List of Unclassifed Manufacturers FMP008S104 Datasheet HTML 13Page - List of Unclassifed Manufacturers FMP008S104 Datasheet HTML 14Page - List of Unclassifed Manufacturers FMP008S104 Datasheet HTML 15Page - List of Unclassifed Manufacturers FMP008S104 Datasheet HTML 16Page - List of Unclassifed Manufacturers FMP008S104 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
38
TECHNISCHEÄNDERUNGENVORBEHALTEN-MAßEINMILLIMETER(INCHESINKLAMMERN)
ML 12/2008
Coaxial Contacts, Mating Area Dimensions, Pin Diameter 0.75 mm (0.030”)
Koaxialkontakte,AbmessungenSteckbereich,Pindurchmesser0,75mm
min
max.
Modi. U*
Modi. U*
5,50
(0.217)
4,75
4,80
(0.187)
(0.189)
5,00
5,40
(0.197)
(0.213)
2,25
2,45
2,25
2,10
2,45
2,25
(0.089)
(0.096)
(0.089)
(0.083)
(0.096)
(0.089)
9,00
(0.354)
3,83
3,87
(0.151)
(0.152)
Modification U* please see page 26
Modifikation U* siehe Seite 26
(0.030)
0,10
(0.004)
0,50
(0.020)
—
0,76
0,74
(0.029)
—
5,40
(0.213)
9,5
(0.374)
5,50
(0.217)
4,80
(0.189)
min
E
—
—
ØB
ØC
ØA
(0.197)
5,00
—
—
F
ØG
D
ØH
Socket / Buchse
max.
—
—
—
—
Plug / Stecker
4,75
(0.187)
Plug
Stecker
Socket
Buchse



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com