Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E-L6920D Datasheet(PDF) 4 Page - STMicroelectronics

Part # E-L6920D
Description  1V HIGH EFFICIENCY SYNCRONOUS STEP UP CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

E-L6920D Datasheet(HTML) 4 Page - STMicroelectronics

  E-L6920D Datasheet HTML 1Page - STMicroelectronics E-L6920D Datasheet HTML 2Page - STMicroelectronics E-L6920D Datasheet HTML 3Page - STMicroelectronics E-L6920D Datasheet HTML 4Page - STMicroelectronics E-L6920D Datasheet HTML 5Page - STMicroelectronics E-L6920D Datasheet HTML 6Page - STMicroelectronics E-L6920D Datasheet HTML 7Page - STMicroelectronics E-L6920D Datasheet HTML 8Page - STMicroelectronics E-L6920D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
L6920
4/13
Figure 3. Efficiency vs. Output Current
Figure 4. Efficiency vs. Output Current
Figure 5. Startup Voltage vs Output Current
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
100
1000
LOAD CURRENT [mA]
Vin = 2.4V
Vin = 1.2V
Vout = 3.3V
L = 47
µH
C = 100
µF
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
100
1000
LOAD CURRENT [mA]
f
Vout = 5V
L = 47
µH
C = 100
µF
Vin = 1.2V
Vin = 2.4V
Vin = 3.6V
0
0.2
0.4
0.6
0.8
1
1.2
1.4
30
60
90
120
150
180
Output current (mA)
L = 47
µH
C = 22
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com