Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E-L6920D Datasheet(PDF) 1 Page - STMicroelectronics

Part # E-L6920D
Description  1V HIGH EFFICIENCY SYNCRONOUS STEP UP CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

E-L6920D Datasheet(HTML) 1 Page - STMicroelectronics

  E-L6920D Datasheet HTML 1Page - STMicroelectronics E-L6920D Datasheet HTML 2Page - STMicroelectronics E-L6920D Datasheet HTML 3Page - STMicroelectronics E-L6920D Datasheet HTML 4Page - STMicroelectronics E-L6920D Datasheet HTML 5Page - STMicroelectronics E-L6920D Datasheet HTML 6Page - STMicroelectronics E-L6920D Datasheet HTML 7Page - STMicroelectronics E-L6920D Datasheet HTML 8Page - STMicroelectronics E-L6920D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1/13
L6920
February 2005
1
Features
■ 0.6 TO 5.5V OPERATING INPUT VOLTAGE
■ 1V START UP INPUT VOLTAGE
■ INTERNAL SYNCHRONOUS RECTIFIER
■ ZERO SHUT DOWN CURRENT
■ 3.3V AND 5V FIXED OR ADJUSTABLE
OUTPUT VOLTAGE (2V UP TO 5.2V)
■ 120m
Ω INTERNAL ACTIVE SWITCH
■ LOW BATTERY VOLTAGE DETECTION
■ REVERSE BATTERY PROTECTION
1.1 Applications
■ ONE TO THREE CELL BATTERY DEVICES
■ PDA AND HAND HELD INSTRUMENTS
■ CELLULAR PHONES - DIGITAL CORDLESS
PHONE
■ PAGERS
■ GPS
■ DIGITAL CAMERAS
2
Description
The L6920 is a high efficiency step-up controller re-
quiring only three external components to realize the
conversion from the battery voltage to the selected
output voltage.
The start up is guaranteed at 1V and the device is op-
erating down to 0.6V.
Internal synchronous rectifier is implemented with a
120m
Ω P-channel MOSFET and, in order to improve
the efficiency, a variable frequency control is imple-
mented.
1V HIGH EFFICIENCY SYNCRONOUS STEP UP CONVERTER
Figure 1. Application Circuit
L1
LX
8
OUT
1
FB
3
6
LBO
GND
SHDN
7
5
LBI
2
REF
4
VCC
VOUT
2.5V
3.3V
500mA
L6920D
C2
C3
C1
Figure 1. Package
Table 1. Order Codes
Part Number
Package
L6920D
TSSOP8 Tube
L6920DTR
Tape & Reel
TSSOP8
Rev. 2


Similar Part No. - E-L6920D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
E-L6202 STMICROELECTRONICS-E-L6202 Datasheet
6Mb / 20P
DMOS FULL BRIDGE DRIVER
July 2003
E-L6203 STMICROELECTRONICS-E-L6203 Datasheet
6Mb / 20P
DMOS FULL BRIDGE DRIVER
Jul-2003
E-L6205PD STMICROELECTRONICS-E-L6205PD Datasheet
400Kb / 21P
DMOS DUAL FULL BRIDGE DRIVER
Sep-2003
E-L6210 STMICROELECTRONICS-E-L6210 Datasheet
146Kb / 8P
Dual Schottky diode bridge
23-Apr-2008
E-L6219 STMICROELECTRONICS-E-L6219 Datasheet
212Kb / 16P
Stepper motor driver
18-Mar-2008
More results

Similar Description - E-L6920D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6920 STMICROELECTRONICS-L6920 Datasheet
238Kb / 13P
1V HIGH EFFICIENCY SYNCRONOUS STEP UP CONVERTER
Rev. 2
logo
Maxim Integrated Produc...
MAX1642 MAXIM-MAX1642 Datasheet
130Kb / 12P
High-Efficiency, Step-Up DC-DC Converters for 1V Inputs
19-1183; Rev 0; 6/97
logo
List of Unclassifed Man...
SS6610 ETC1-SS6610 Datasheet
548Kb / 16P
High Efficiency Syncronous Step-up DC/DC Converter
logo
Power IC Ltd.
PS1541 PICSEMI-PS1541 Datasheet
246Kb / 10P
High Efficiency Step Up DC/DC Converter
logo
Eorex Corporation
EP4001 EOREX-EP4001 Datasheet
343Kb / 10P
High Efficiency, Step-Up Converter with EXT
logo
Texas Instruments
TPS61240 TI-TPS61240 Datasheet
934Kb / 25P
3.5-MHz High Efficiency Step-Up Converter
TPS61240-Q1 TI-TPS61240-Q1_15 Datasheet
534Kb / 25P
3.5-MHz High Efficiency Step-Up Converter
logo
List of Unclassifed Man...
MT3608 ETC1-MT3608 Datasheet
603Kb / 7P
High Efficiency 1.2MHz 2A Step Up Converter
logo
Guangdong Kexin Industr...
RCR2521SL KEXIN-RCR2521SL Datasheet
629Kb / 6P
High Efficiency, Step-up DC/DC Converter
logo
Shenzhen Huazhimei Semi...
HM1548B HMSEMI-HM1548B Datasheet
1Mb / 7P
High Efficiency 1.2MHz 2A Step Up Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com