Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1642 Datasheet (PDF) - Maxim Integrated Products

MAX1642 Datasheet PDF - Maxim Integrated Products
Part # MAX1642
Download  MAX1642 Download
File Size   130.35 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Efficiency, Step-Up DC-DC Converters for 1V Inputs

MAX1642 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1642 Datasheet PDF - Maxim Integrated Products

Part # MAX1642
Download  MAX1642 Click to download

File Size   130.35 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Efficiency, Step-Up DC-DC Converters for 1V Inputs

MAX1642 Datasheet (HTML) - Maxim Integrated Products


MAX1642 Product details

General Description
The MAX1642/MAX1643 are high-efficiency, low-voltage, step-up DC-DC converters intended for devices powered by a single alkaline cell. They feature low quiescent supply currents and are supplied in the ultra-small µMAX package, which is only 1.1mm high. The guaranteed start-up voltage is 0.88V. Each device consists of an

Features
♦ Built-In Synchronous Rectifier
♦ 0.88V Guaranteed Start-Up
♦ Ultra-Small µMAX Package: 1.1mm High
♦ 83% Efficiency
♦ 4µA Quiescent Supply Current into BATT Pin
♦ 2µA Logic-Controlled Shutdown (MAX1642)
♦ Two Undervoltage Detectors (MAX1643)
♦ 2V to 5.2V Output Range
♦ 20mA Output Current at 1.2V Input
♦ Reverse Battery Protection

Applications
    Pagers
    Remote Controls
    Pointing Devices
    Personal Medical Monitors
    Single-Cell Battery-Powered Devices




Similar Part No. - MAX1642

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAX16425 AD-MAX16425 Datasheet
2Mb / 31P
Integrated, Step-Down Switching Regulator with Selectable Applications Configurations
Rev 0; 1/19
MAX16425A AD-MAX16425A Datasheet
2Mb / 31P
Integrated, Step-Down Switching Regulator with Selectable Applications Configurations
Rev 0; 1/19
MAX16425AGCJ+ AD-MAX16425AGCJ+ Datasheet
2Mb / 31P
Integrated, Step-Down Switching Regulator with Selectable Applications Configurations
Rev 0; 1/19
MAX16425AGCJ+T AD-MAX16425AGCJ+T Datasheet
2Mb / 31P
Integrated, Step-Down Switching Regulator with Selectable Applications Configurations
Rev 0; 1/19
MAX16425GCJ+ AD-MAX16425GCJ+ Datasheet
2Mb / 31P
Integrated, Step-Down Switching Regulator with Selectable Applications Configurations
Rev 0; 1/19
More results


Similar Description - MAX1642

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6920 STMICROELECTRONICS-L6920 Datasheet
238Kb / 13P
1V HIGH EFFICIENCY SYNCRONOUS STEP UP CONVERTER
Rev. 2
logo
Maxim Integrated Produc...
MAX1674 MAXIM-MAX1674 Datasheet
521Kb / 12P
High-Efficiency, Low-Supply-Current, Compact, Step-Up DC-DC Converters
Rev 3; 3/00
logo
Torex Semiconductor
XC9104 TOREX-XC9104 Datasheet
205Kb / 19P
Step-Up DC/DC Converters
logo
List of Unclassifed Man...
HWD20011 ETC1-HWD20011 Datasheet
798Kb / 13P
High-Efficiency, Low-Supply-Current, Compact, Step-Up DC-DC Converters
logo
Richtek Technology Corp...
RT9903 RICHTEK-RT9903 Datasheet
440Kb / 15P
5 Channel DC/DC Converters IC with High-Efficiency Step-Up
RT9903B RICHTEK-RT9903B Datasheet
415Kb / 15P
4 Channel DC/DC Converters IC with High-Efficiency Step-Up
logo
Power IC Ltd.
PS1541 PICSEMI-PS1541 Datasheet
246Kb / 10P
High Efficiency Step Up DC/DC Converter
logo
STMicroelectronics
E-L6920D STMICROELECTRONICS-E-L6920D Datasheet
234Kb / 13P
1V HIGH EFFICIENCY SYNCRONOUS STEP UP CONVERTER
Feb-2005
logo
Will Semiconductor Ltd.
WD3133E WILLSEMI-WD3133E Datasheet
692Kb / 12P
HIGH EFFICIENCY, 1.2-MHz DC-DC STEP-UP CONVERTERS
logo
Guangdong Kexin Industr...
RCR2521SL KEXIN-RCR2521SL Datasheet
629Kb / 6P
High Efficiency, Step-up DC/DC Converter
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com