Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6920 Datasheet (PDF) - STMicroelectronics

L6920 Datasheet PDF - STMicroelectronics
Part # L6920
Download  L6920 Download
File Size   238.14 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1V HIGH EFFICIENCY SYNCRONOUS STEP UP CONVERTER

L6920 Datasheet (PDF)

Go To PDF Page Download Datasheet
L6920 Datasheet PDF - STMicroelectronics

Part # L6920
Download  L6920 Click to download

File Size   238.14 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1V HIGH EFFICIENCY SYNCRONOUS STEP UP CONVERTER

L6920 Datasheet (HTML) - STMicroelectronics


L6920 Product details

Description

The L6920 is a high efficiency step-up controller requiring only three external components to realize the conversion from the battery voltage to the selected output voltage.

The start up is guaranteed at 1V and the device is operating down to 0.6V. Internal synchronous rectifier is implemented with a 120mΩP-channel MOSFET and, in order to improve the efficiency, a variable frequency control is implemented.



Features

■0.6 TO 5.5V OPERATING INPUT VOLTAGE

■1V START UP INPUT VOLTAGE

■INTERNAL SYNCHRONOUS RECTIFIER

■ZERO SHUT DOWN CURRENT

■3.3V AND 5V FIXED OR ADJUSTABLE OUTPUT VOLTAGE (2V UP TO 5.2V)

■120mΩINTERNAL ACTIVE SWITCH

■LOW BATTERY VOLTAGE DETECTION

■REVERSE BATTERY PROTECTION



Applications

■ONE TO THREE CELL BATTERY DEVICES

■PDA AND HAND HELD INSTRUMENTS

■CELLULAR PHONES - DIGITAL CORDLESS PHONE

■PAGERS

■GPS

■DIGITAL CAMERAS




Similar Part No. - L6920

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6920D STMICROELECTRONICS-L6920D Datasheet
234Kb / 13P
1V HIGH EFFICIENCY SYNCRONOUS STEP UP CONVERTER
Feb-2005
L6920DB STMICROELECTRONICS-L6920DB Datasheet
399Kb / 16P
Synchronous rectifier step up converter
30-Oct-2006
L6920DBTR STMICROELECTRONICS-L6920DBTR Datasheet
399Kb / 16P
Synchronous rectifier step up converter
30-Oct-2006
L6920DC STMICROELECTRONICS-L6920DC Datasheet
398Kb / 16P
Synchronous rectifier step up converter
29-Jun-2006
L6920DCTR STMICROELECTRONICS-L6920DCTR Datasheet
398Kb / 16P
Synchronous rectifier step up converter
29-Jun-2006
More results


Similar Description - L6920

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1642 MAXIM-MAX1642 Datasheet
130Kb / 12P
High-Efficiency, Step-Up DC-DC Converters for 1V Inputs
19-1183; Rev 0; 6/97
logo
List of Unclassifed Man...
SS6610 ETC1-SS6610 Datasheet
548Kb / 16P
High Efficiency Syncronous Step-up DC/DC Converter
logo
Power IC Ltd.
PS1541 PICSEMI-PS1541 Datasheet
246Kb / 10P
High Efficiency Step Up DC/DC Converter
logo
Eorex Corporation
EP4001 EOREX-EP4001 Datasheet
343Kb / 10P
High Efficiency, Step-Up Converter with EXT
logo
Texas Instruments
TPS61240 TI-TPS61240 Datasheet
934Kb / 25P
3.5-MHz High Efficiency Step-Up Converter
logo
STMicroelectronics
E-L6920D STMICROELECTRONICS-E-L6920D Datasheet
234Kb / 13P
1V HIGH EFFICIENCY SYNCRONOUS STEP UP CONVERTER
Feb-2005
logo
Texas Instruments
TPS61240-Q1 TI-TPS61240-Q1_15 Datasheet
534Kb / 25P
3.5-MHz High Efficiency Step-Up Converter
logo
List of Unclassifed Man...
MT3608 ETC1-MT3608 Datasheet
603Kb / 7P
High Efficiency 1.2MHz 2A Step Up Converter
logo
Guangdong Kexin Industr...
RCR2521SL KEXIN-RCR2521SL Datasheet
629Kb / 6P
High Efficiency, Step-up DC/DC Converter
logo
Shenzhen Huazhimei Semi...
HM1548B HMSEMI-HM1548B Datasheet
1Mb / 7P
High Efficiency 1.2MHz 2A Step Up Converter
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com