Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6920 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L6920
Description  1V HIGH EFFICIENCY SYNCRONOUS STEP UP CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6920 Datasheet(HTML) 3 Page - STMicroelectronics

  L6920 Datasheet HTML 1Page - STMicroelectronics L6920 Datasheet HTML 2Page - STMicroelectronics L6920 Datasheet HTML 3Page - STMicroelectronics L6920 Datasheet HTML 4Page - STMicroelectronics L6920 Datasheet HTML 5Page - STMicroelectronics L6920 Datasheet HTML 6Page - STMicroelectronics L6920 Datasheet HTML 7Page - STMicroelectronics L6920 Datasheet HTML 8Page - STMicroelectronics L6920 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3/13
L6920
Table 4. Electrical Characteristcs
(Vin = 2V, FB = GND, Tamb = -40°C to 85°C and Tj < 125°C unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VCC SECTION
Vin
Minimum operating Input Voltage
0.6
V
Vin
Minimum Start Up Input Voltage
1
V
Iq
Quiescent Current
Il =0 mA, FB = 1.4V, Vout = 3.3V
LBI = SHDN = 2V, Tj = Tamb
915
µA
Il =0 mA, FB = 1.4V, Vout = 5V
LBI = SHDN = 2V, Tj = Tamb
11
18
µA
Isd
Shut Down Current
Vin = 5V, Il =0 mA
0.1
1
µA
Irev
Reverse battery current
Vin = -4V, Tj = Tamb
0.1
2
µA
POWER SECTION
Ron-N
Active switch ON resistance
120
250
m
Ron-P
Synchronous switch ON
resistance
120
250
m
CONTROL SECTION
Vout
Output voltage
FB = OUT, Il =0 mA
3.2
3.3
3.4
V
FB = GND, Il =0 mA
4.955.1
V
Output voltage range
External divider
2
5.2
V
VLBI
LBI threshold
1.18
1.23
1.27
V
0°C < Tj < 70°C
1.205
1.23
1.255
V
VLBO
LBO logic LOW
Isink < 250
µA
0.2
0.4
V
Ilim
LX switch current limit
0.8
1
1.2
A
Tonmax
Maximum on time
Vout = 2V to 5.3V
3.75
5
6.25
µs
Toffmin
Minimum off time
Vout = 2V to 5.3V
0.75
1
1.25
µs
SHDN
SHDN logic LOW
0.2
V
SHDN logic HIGH
0.6
V
Vref
Reference Voltage
1.18
1.23
1.27
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com