Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6920 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L6920
Description  1V HIGH EFFICIENCY SYNCRONOUS STEP UP CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6920 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L6920 Datasheet HTML 5Page - STMicroelectronics L6920 Datasheet HTML 6Page - STMicroelectronics L6920 Datasheet HTML 7Page - STMicroelectronics L6920 Datasheet HTML 8Page - STMicroelectronics L6920 Datasheet HTML 9Page - STMicroelectronics L6920 Datasheet HTML 10Page - STMicroelectronics L6920 Datasheet HTML 11Page - STMicroelectronics L6920 Datasheet HTML 12Page - STMicroelectronics L6920 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11/13
L6920
6
Package Information
Figure 16. TSSOP8 Mechanical Data & Package Dimensions
OUTLINE AND
MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
1.20
0.047
A1
0.050
0.150
0.002
0.006
A2
0.800
1.000
1.050
0.031
0.039
0.041
b
0.190
0.300
0.007
0.012
c
0.090
0.200
0.003
0.008
D (1)
2.900
3.000
3.100
0.114
0.118
0.122
E
6.200
6.400
6.650
0.244
0.252
0.260
E1 (1)
4.300
4.400
4.500
0.169
0.173
0.177
e
0.650
0.026
L
0.450
0.600
0.750
0.018
0.024
0.027
L1
1.000
0.039
k
0˚ (min.) 8˚ (max.)
aaa
0.100
0.004
Note:
1. D and F does not include mold flash or protrusions.
Mold flash or potrusions shall not exceed 0.15mm
(.006inch) per side.
TSSOP8
0079397 (Jedec MO-153-AA)
(Body 4.4mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com