Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESJC13 Datasheet(PDF) 2 Page - Fuji Electric

Part # ESJC13
Description  HIGH VOLTEGE DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

ESJC13 Datasheet(HTML) 2 Page - Fuji Electric

  ESJC13 Datasheet HTML 1Page - Fuji Electric ESJC13 Datasheet HTML 2Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ESJC13 (9kV/450mA,12kV/350mA )
Characteristics
0
100
200
300
400
0369
12
15
ESJC13-12B
ESJC13-09B
Tj=25
o
C
Tj=100
o
C
I
F
[mA]
V
F
[V]
Forward Characteristics
0369
12
0.01
0.1
1
ESJC13-12B
ESJC13-12B
ESJC13-09B
ESJC13-09B
Tj=25
o
C
Tj=100
o
C
IR
[
µ A]
V
R
[kV]
Reverse Characteristics
0
10
20
ESJC13-09B
Tj=25
o
C
N=20pcs.
Reverse Surge Current
N
[pcs.]
160
180
200
220
240
260
0
10
20
ESJC13-12B
0
20
40
60
80
100
ESJC13-09B
Tj=25
o
C
IR=100
µ A
N=100pcs
Avalanche Breakdown Voltage
N
[pcs.]
9
10
1112
1314
151617
0
20
40
60
80
100
ESJC13-12B
0
20
40
60
80
100
120
140
160
0
100
200
300
400
500
Cathode terminal is fastened to
radiating fin that size is more than
50mmx50mmx0.6mm.Wind cooled velocity
is more than 0.5m/S.
ESJC13-12B
ESJC13-09B
Io
[mA]
Ta [
o
C]
Current Derating Curve



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com