Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESJC13 Datasheet(PDF) 1 Page - Fuji Electric

Part # ESJC13
Description  HIGH VOLTEGE DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

ESJC13 Datasheet(HTML) 1 Page - Fuji Electric

  ESJC13 Datasheet HTML 1Page - Fuji Electric ESJC13 Datasheet HTML 2Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ESJC13
(9kV/450mA,12kV/350mA )
HIGH VOLTEGE DIODE
Outline
Drawings
Features
Low VF
High Surge proof resistivity
High reliability .
Applications
Rectification for Microwave oven high voltage
power supply
Maximum Ratings and Characteristics
Absolute Maximum Ratings
Items
Repetitive Peak Reverse Voltage
Average Forward Current
Non-repetitive Peak Reverse Current
Non-repetitive Peak Forward Current
Allowable Junction Temperature
Storage Temperature Range
Symbols
VRRM
Io
IRSM
IFSM
Tj
Tg
Conditions
Wp=1mS.Rectangular-wave.
One-shot.Ta=25°C
ESJC13
-09B
-12B
9
12
450
350
100
30
130
-40 to +130
Units
kV
mA
mA
A
°C
°C
Electrical Characteristics (Ta=25°C Unless otherwise specified )
Items
Maximum Forward Voltage Drop
Maximum Reverse Current
Symbols
VF
IR
Vz
Conditions
IF=350mA
VR=12kV
Iz=100µA
ESJC13
-09B
-12B
8
10
5
9.5
12.5
Units
V
µA
kV
* Cooling Requiremennt:Cathode terminalb is fastened to radiatingfin
That size is more than 50mm•~50mm•~0.6mmt Wind-cooled velocity is more than0.5m/s.
50HzSine half-wave peak
value.One-shot.Ta=25°C
Minimum Avalanche Breakdown Voltase
50HzSine half-wave aver-
age value. Ta 60°C*
<
=
ESJC13 is high reliability resin molded type high voltage
diode in small size package which is sealed (a multilayed
mesa type silicon chip) by epoxy resin.
Cathode Mark
Type
Mark
ESJA13-09B
ESJA13-12B
30.5±2.5
32.5±2.5
Ø 1.2
Ø 7.5
22
Cathode Mark
Type Name, Lot No.
No.
1
2
3
4
Part name
Material
and
type name
Lead wire
Ag plated Cu wire
Anode terminal
Flat quick-connect terminal CSS-66325-F
(NITIFU TERMINAL INDUSTRIES Co.,LTD) or Equrvalent
Cathode terminal
Crimp-type terminal lugs for copper conductor
1.25-4M
Molding resin
Epoxy resin UL94V-0
(3)
(4)
(2)
(1)


Similar Part No. - ESJC13

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
ESJC13-09 GETEDZ-ESJC13-09 Datasheet
69Kb / 1P
450mA 9kV HIGH VOLTAGE DIODES
ESJC13-09 GETEDZ-ESJC13-09 Datasheet
507Kb / 2P
High Voltege Diode
ESJC13-09B GETEDZ-ESJC13-09B Datasheet
516Kb / 2P
High Voltege Diode
ESJC13-09 GETEDZ-ESJC13-09_V01 Datasheet
507Kb / 2P
High Voltege Diode
ESJC13-12 GETEDZ-ESJC13-12 Datasheet
69Kb / 1P
350mA 12kV HIGH VOLTAGE DIODES
More results

Similar Description - ESJC13

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BA220 PHILIPS-BA220 Datasheet
41Kb / 7P
High-speed diode
1996 Sep 03
BAL99 PHILIPS-BAL99 Datasheet
55Kb / 12P
High-speed diode
1999 May 26
BAS316 PHILIPS-BAS316 Datasheet
64Kb / 12P
High-speed diode
1998 Mar 26
logo
Fuji Electric
ESJA28 FUJI-ESJA28 Datasheet
23Kb / 2P
HIGH VOLTAGE DIODE
logo
Nihon Inter Electronics...
FSH04A03LB NIEC-FSH04A03LB Datasheet
145Kb / 1P
High Barrier Diode
logo
GETAI ELECTRONICS DEVIC...
ESJC13-09 GETEDZ-ESJC13-09_V01 Datasheet
507Kb / 2P
High Voltege Diode
ESJC13-09B GETEDZ-ESJC13-09B Datasheet
516Kb / 2P
High Voltege Diode
ESJC13-12 GETEDZ-ESJC13-12_V01 Datasheet
507Kb / 2P
High Voltege Diode
ESJC13-12B GETEDZ-ESJC13-12B Datasheet
516Kb / 2P
High Voltege Diode
logo
AiT Semiconductor Inc.
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com