Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESJC37 Datasheet(PDF) 2 Page - Fuji Electric

Part # ESJC37
Description  HIGH VOLTAGE DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

ESJC37 Datasheet(HTML) 2 Page - Fuji Electric

  ESJC37 Datasheet HTML 1Page - Fuji Electric ESJC37 Datasheet HTML 2Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ESJC37
(5kV/540mA,8kV/410mA,10kV/310mA )
Characteristics
0
100
200
300
400
500
600
700
800
900
1000
1100
0
3
6
9
12
15
18
21
24
Forward Characteristics
ESJC37-10
ESJC37-08
ESJC37-05
Tj=25°C
Tj=100°C
I
F
[mA]
V
F [V]
0
20
40
60
80
100
120
140
0
100
200
300
400
500
600
Current Derating Curve
ESJC37-10
Cathode terminal is fastened to
radiating fin that size is more than
50mm X 50mm X 0.6mm.Wind cooled velocity
is more than 0.5m/S.
ESJC37-05
ESJC37-08
Io
[mA]
Ta [°C]
036
9
12
0.01
0.1
1
Reverse Characteristics
ESJC37-10
ESJC37-10
ESJC37-08
ESJC37-08
ESJC37-05
ESJC37-05
Tj=25°C
Tj=100°C
IR
[µA]
V
R
[kV]
4
6
8
101214
0
20
40
60
80
100
Avalanche Breakdown Voltage
ESJC37-10
ESJC37-08
ESJC37-05
Tj=25°C
IR=100µA
N=100pcs
V
AV
[kV]
N
[pcs.]
0.16
0.24
0.32
0.40
0
20
40
60
80
100
Reverse Recovery Time
Tj=25°C
IR=100µA
N=100pcs
trr (µsec)
N
[pcs.]



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com