Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESJC37 Datasheet(PDF) 1 Page - Fuji Electric

Part # ESJC37
Description  HIGH VOLTAGE DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

ESJC37 Datasheet(HTML) 1 Page - Fuji Electric

  ESJC37 Datasheet HTML 1Page - Fuji Electric ESJC37 Datasheet HTML 2Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ESJC37 (5kV/540mA,8kV/410mA,10kV/310mA )
HIGH VOLTAGE DIODE
Outline Drawings
Features
Low VF
High surge proof resistivity
High reliability
Applications
Rectification for microwave oven high voltage
power supply
Maximum Ratings and Characteristics
Absolute Maximum Ratings
Items
Repetitive peak reverse voltage
Average forward current
Non-repetitive peak forward current
Allowable junction temperature
Storage temperature range
Case temperature
Symbols
VRRM
Io
Isurge
Tj
Tstg
Tc
Conditions
ESJC37
-05
-08
-10
5
8
10
540
410
310
15
10
10
120
-40 to +120
110
Units
kVpeak
mA
Apeak
°C
°C
°C
Electrical Characteristics (Ta=25°C Unless otherwise specified )
Items
Maximum forward voltage drop
Maximum reverse current
Reverse recovery time
Symbols
VF
IR1
IR2
trr
Vz
Conditions
IF=1A
IF=0.1A IR=0.1A 90%
Iz=100µA
ESJC37
-05
-08
-10
13
20
25
2
10
0.3
5.2
8.4
10.5
Units
V
µA
µA
µs
kV
50Hz Sine half-wave peak
value,One-shot.Ta=25°C
Minimum avalanche breakdown voltage
50Hz Sine half-wave aver-
age value. Toil
25°C
=
ESJC37 is high reliability resin molded type high voltage
diode in small size package which is sealed (a multilayed
mesa type silicon chip) by epoxy resin.
24min
24min.
Ø 0.78
Ø 4.5
15
Cathode Mark
Type Name, Lot No.
VR=5kV(-05), 8kV(-08)
10kV(-10)
Ta=25°C
VR=5kV(-05), 8kV(-08)
10kV(-10)
Ta=100°C
C37
ESJC37-05
ESJC37-08
ESJC37-10
C37
-05
C37
-08
C37
-10
Cathode Mark
Type Name
Lot No.
(mm)


Similar Part No. - ESJC37

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
ESJC37-08 GETEDZ-ESJC37-08 Datasheet
519Kb / 2P
High Voltage Silicon Rectifier Diode
ESJC37-08F GETEDZ-ESJC37-08F Datasheet
519Kb / 2P
High Voltage Silicon Rectifier Diode
ESJC37-10 GETEDZ-ESJC37-10 Datasheet
519Kb / 2P
High Voltage Silicon Rectifier Diode
ESJC37-10F GETEDZ-ESJC37-10F Datasheet
519Kb / 2P
High Voltage Silicon Rectifier Diode
ESJC37-12 GETEDZ-ESJC37-12 Datasheet
519Kb / 2P
High Voltage Silicon Rectifier Diode
More results

Similar Description - ESJC37

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
ESJA28 FUJI-ESJA28 Datasheet
23Kb / 2P
HIGH VOLTAGE DIODE
logo
Anshan Leadsun Electron...
2CL70 LEADSUN-2CL70 Datasheet
333Kb / 1P
High Voltage Diode
SP5LG LEADSUN-SP5LG Datasheet
314Kb / 1P
High Voltage Diode
SPF03-20 LEADSUN-SPF03-20 Datasheet
314Kb / 1P
High Voltage Diode
SPF05-15 LEADSUN-SPF05-15 Datasheet
314Kb / 1P
High Voltage Diode
SPF10-10 LEADSUN-SPF10-10 Datasheet
314Kb / 1P
High Voltage Diode
SPF10-20 LEADSUN-SPF10-20 Datasheet
314Kb / 1P
High Voltage Diode
2CL105 LEADSUN-2CL105 Datasheet
296Kb / 1P
High Voltage Diode
HVD37-08F LEADSUN-HVD37-08F Datasheet
298Kb / 1P
High Voltage Diode
HVRT250 LEADSUN-HVRT250 Datasheet
287Kb / 1P
High Voltage Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com