Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KC24H-R Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # KC24H-R
Description  LED Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

KC24H-R Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  KC24H-R Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. KC24H-R Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. KC24H-R Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. KC24H-R Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. KC24H-R Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. KC24H-R Datasheet HTML 6Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
LED Driver
KC24H-R Series
2014.02.28-A/3
Page 1 of 6
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Constant current great power buck LED driver
RoHS
FEATURES
Efficiency up to 95%
Ultra wide range voltage input (5.5-46 VDC)
Drive current:300/350/500/600/700mA
Output power:10/12/18/21/25W
Low ripple & noise(<100mV)
With large capacitive loads(1000μF)
PWM dimming & analogue dimming
Continuous short circuit protection
KC24H-R series is a high-power LED driver design for the step-down constant current source. With high efficiency, wide input voltage range,
high-temperature environment, functional and so on. Contains a PWM dimming, analog dimming and remote shutdown capabilities.
They can be widely used in Backlight and 12V, 24V, 36V automotive lighting, landscape lighting, special lighting controls, commercial
lighting, street lighting, home lighting and other lighting systems.
Selection Guide
Model
Input
Output
Efficiency
(%, Typ),
Full Load
Max.
Capacitive
Load(uF)
Input Voltage
(VDC)
Input Current (mA)
(Typ.)(5LEDs)
Output Voltage
(VDC)
Output Current
(mA)
KC24H-300R(X1/X2/X3)
24(5.5-48)
Nominal
(range)
237
3.3-36
0-300
95
1000
KC24H-350R(X1/X2/X3)
276
0-350
KC24H-500R(X1/X2/X3)
395
0-500
KC24H-600R(X1/X2/X3)
474
0-600
KC24H-700R(X1/X2/X3)
553
0-700
Notes:
1. For the product model without a suffix such as KC24H-300R, this product is a 4-pin product without the functions of analogue dimming and PWM dimming.
2. For the product model with a suffix X1 such as KC24H-300RX1, this product is a 5-pin product only with the function of analogue dimming.
3. For the product model with a suffix X2such asKC24H-300R X2, this product is a 5-pin product only with the function of PWM dimming.
4.For the product model with a suffix X3such asKC24H-300R X3, this product is a 6-pin product with the functions of analogue dimming and PWM dimming.
Input Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Input Voltage Limit
≤10 seconds
5--
55
VDC
Recommended Input Voltage
5.5
24
46
Min. Input-output Voltage Drop
Input voltage range
2
--
4
Internal Power Dissipation
Vin=24V, 5LEDs
--
--
0.7
W
Reverse Polarity Input
Forbid
Input Filter
Capacitor Filter
Output Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Output Power
Io:300mA
--
--
10.8
W
Io:350mA
--
--
12.6
Io:500mA
--
--
18
Io:600mA
--
--
21.6
Io:700mA
--
--
25.2
Output Current Accuracy
Io:300-600mA
--
± 3
±5
%
Io:700mA
--
± 5
±7
Output Current Stability
Vin=46V,Vo=3.3V~36V
--
±3
±5
Temperature Drift Coefficient
-40 °C~+71 °C
--
--
± 0.015
%/°C
Ripple & Noise*
20MHz bandwidth(Vin=46V, 1~ 10 LEDs)
--
--
100
mVp-p
Over-temperature Protection
Self-recovery after cooling
Output Short Circuit Protection
Continuous, self-recovery


Similar Part No. - KC24H-R

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
KC24H-1000 MORNSUN-KC24H-1000 Datasheet
360Kb / 5P
CONSTANT CURRENT HIGH POWER LED DRIVER
KC24H-1000X1 MORNSUN-KC24H-1000X1 Datasheet
360Kb / 5P
CONSTANT CURRENT HIGH POWER LED DRIVER
KC24H-1000X2 MORNSUN-KC24H-1000X2 Datasheet
360Kb / 5P
CONSTANT CURRENT HIGH POWER LED DRIVER
KC24H-1000X3 MORNSUN-KC24H-1000X3 Datasheet
360Kb / 5P
CONSTANT CURRENT HIGH POWER LED DRIVER
KC24H-1200X1 MORNSUN-KC24H-1200X1 Datasheet
360Kb / 5P
CONSTANT CURRENT HIGH POWER LED DRIVER
More results

Similar Description - KC24H-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5904 TI-TLC5904 Datasheet
414Kb / 27P
LED DRIVER
TLC5911 TI-TLC5911 Datasheet
474Kb / 30P
LED DRIVER
logo
Rohm
BA618 ROHM-BA618 Datasheet
74Kb / 4P
LED driver
logo
Texas Instruments
TLC5923 TI-TLC5923 Datasheet
246Kb / 15P
LED DRIVER
logo
Infineon Technologies A...
BCR402R INFINEON-BCR402R_09 Datasheet
91Kb / 8P
LED Driver
2009-11-13
BCR420U INFINEON-BCR420U Datasheet
132Kb / 12P
LED Driver
2010-01-15
logo
CUI INC
VLED15 CUI-VLED15 Datasheet
171Kb / 5P
LED DRIVER
logo
List of Unclassifed Man...
CC3512 ETC1-CC3512 Datasheet
131Kb / 2P
LED Driver
logo
AIMTEC
AMLB-1810IZ AIMTEC-AMLB-1810IZ Datasheet
338Kb / 3P
LED Driver
AMLDW-6070-RZ AIMTEC-AMLDW-6070-RZ Datasheet
308Kb / 3P
LED Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com