Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KC24H-R Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Part # KC24H-R
Description  LED Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

KC24H-R Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  KC24H-R Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. KC24H-R Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. KC24H-R Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. KC24H-R Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. KC24H-R Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. KC24H-R Datasheet HTML 6Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LED Driver
KC24H-R Series
2014.02.28-A/3
Page 2 of 6
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Note: *Parallel line test method is adopted to test the ripple and noise. Test with X1 probe, please see
DC-DC Converter Application Notes for specific
operation methods.
General Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Operating Temperature
300mA / 350mA
-40
--
85
℃
500mA/ 600mA/ 700mA
-40
--
71
Storage Temperature
-55
--
125
Operating Humidity
--
--
95
%
Storage Humidity
--
--
95
Case Temperature Rise
Ta=25°C--
--
65
℃
Lead Temperature
Welding spot is 1.5mm away from the casing, 10 seconds
--
--
300
Operating Frequency*
550
645
750
KHz
MTBF
MIL-HDBK-217F@25℃
1000
--
--
K hours
Thermal Impedance
--
60
--
°C/W
Note:* When the mode works in the high-voltage input-area and 1LED load, its operating frequency will range from 100KHz to 400KHz.
PWM Dimming and Remote on/off Control
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Analogue
Dimming
Input Voltage Range
Vin=5.5-46V
0-15V
Output Current Range
Vin=5.5-46V
0%-100%
Control Voltage Range
Full on
0.2V±50mV
Full off
4.5V±200mV
Driving Current
Vc=5V
--
--
0.2
mA
PWM
Dimming&
Remote
Turn-off
ON
Open or 2.8V<Vc<6V
OFF
Vc<0.6V
Turn-off-mode Static Input Current
Vin=24V, Vc <0.6V
--
400
--
μ
A
Isink
Vc=5V, Vin=24V, 5LEDs
--
--
1
mA
Isourse
Vc<0.6V, Vin=24V, 5LEDs
--
1
--
μ
A
PWM Dimming Frequency*
--
--
200
Hz
Note: *Refer to “PWM Dimming Control” on page five.
Physical Specifications
Casing Material
Black flame-retardant and heat-resistant plastic (UL94-V0)
Package Dimensions
22.80*10.20*9.50 mm
Weight
4.3g(Typ)
Cooling method
Free air convection
EMC Specifications
EMI
Conducted Disturbance
EN55015 power port/CISPR22 CLASS B (see Fig. 5 for recommended circuit)
Radiated Emission
EN55015 /CISPR22 CLASS B
(see Fig. 5 for recommended circuit)
EMS
Electrostatic
Discharge
KC24H-xxxR(X1)
IEC/EN 61000-4-2
Contact ±6KV
perf. Criteria B
KC24H-xxxRX2/X3
IEC/EN 61000-4-2
Contact ±2KV(see Fig. 5 for recommended circuit)
perf. Criteria B
Radiation Immunity
IEC/EN 61000-4-3
10V/m
perf. Criteria A
EFT
IEC/EN 61000-4-4
±1KV (see Fig. 5 for recommended circuit)
perf. Criteria B
Surge Immunity
IEC/EN 61000-4-5
±1KV (see Fig. 5 for recommended circuit)
perf. Criteria B
Conducted Disturbance Immunity
IEC/EN 61000-4-6
3Vr.ms
perf. Criteria A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com