Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FA5331PM Datasheet(PDF) 2 Page - Fuji Electric

Part # FA5331PM
Description  Bipolar IC For Power Factor Correction
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FA5331PM Datasheet(HTML) 2 Page - Fuji Electric

  FA5331PM Datasheet HTML 1Page - Fuji Electric FA5331PM Datasheet HTML 2Page - Fuji Electric FA5331PM Datasheet HTML 3Page - Fuji Electric FA5331PM Datasheet HTML 4Page - Fuji Electric FA5331PM Datasheet HTML 5Page - Fuji Electric FA5331PM Datasheet HTML 6Page - Fuji Electric FA5331PM Datasheet HTML 7Page - Fuji Electric FA5331PM Datasheet HTML 8Page - Fuji Electric FA5331PM Datasheet HTML 9Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
FA5331P(M)/FA5332P(M)
Notes:
*1 Derating factor Ta > 25°C: 6.8mW/°C (on PC board)
*2 Derating factor Ta > 25°C: 5.2mW/°C (on PC board)
Voltage error amplifier section
Item
Symbol
Test condition
FA5331P(M)
FA5332P(M)
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
Reference voltage
Vr
1.48
1.54
1.60
1.519 1.550 1.581 V
Input bias current
IBE
–500
–50
–500
–50
nA
Open-loop voltage gain
AVE
80
80
dB
Output voltage
VOE+
No load
3.5
3.8
3.5
3.8
V
VOE–
50
200
50
200
mV
Output source current
IOE+
VOE=0V
–900
–900
µA
s Electrical characteristics (Ta=25
°C, CT=470pF, RT=22kΩ, VCC=VC=18V)
Oscillator section
Item
Symbol
Test condition
FA5331P(M)
FA5332P(M)
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
Oscillation frequency
fOSC
CT=470pF
68
75
82
68
75
82
kHz
RT=22k
Ω
Frequency variation 1 (due to supply voltage change)
fdV
VCC=10 to 30V
1
1
3
%
Frequency variation 1 (due to temperature change)
fdT
Ta=–30 to +85
°C
5
58%
Output peak voltage
VOSC
3.55
3.55
V
Synchronizing input peak voltage
VSYNC
SYNC terminal voltage 1.5
1.5
V
s Absolute maximum ratings
Item
Symbol
Rating
Unit
FA5331P(M)
FA5332P(M)
Supply voltage
VCC, VC
30
30
V
Output current
IO
±1.5
±1.5
A
Input voltage
VSYNC, VON/OFF, VVIN– –0.3 to +5.3
–0.3 to +5.3
V
VVDET, VOVP
VIDET
–10.0 to +5.3
–10.0 to +5.3
V
Total power dissipation
Pd
850 (DIP-16) *1
850 (DIP-16) *1
mW
(Ta=25
°C)
650 (SOP-16) *2
650 (SOP-16) *2
Operating temperature
Topr
–30 to +85
–30 to +85
°C
Storage temperature
Tstg
–40 to +150
–40 to +150
°C
s Recommended operating conditions
Item
Symbol
FA5331P(M)
FA5332P(M)
Unit
Min.
Max.
Min.
Max.
Supply voltage
VCC, VC
10
28
10
28
V
IDET terminal input voltage
VIDET
–1.0
0
–1.0
0
V
VDET terminal input voltage
VVDET
0
2.0
0
2.4
V
VDET terminal peak input voltage
VPVDET
0.65
2.0
0.65
2.4
V
Oscillator timing capacitance
CT
–
–
330
1000
pF
Oscillator timing resistance
RT
––10
75
k
Ω
Oscillation frequency
fOSC
10
220
15
150
kHz
Noise filter resistance connected to IDET terminal
Rn
0
100
0
27
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com