Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FA5331PM Datasheet(PDF) 7 Page - Fuji Electric

Part # FA5331PM
Description  Bipolar IC For Power Factor Correction
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FA5331PM Datasheet(HTML) 7 Page - Fuji Electric

Back Button FA5331PM Datasheet HTML 3Page - Fuji Electric FA5331PM Datasheet HTML 4Page - Fuji Electric FA5331PM Datasheet HTML 5Page - Fuji Electric FA5331PM Datasheet HTML 6Page - Fuji Electric FA5331PM Datasheet HTML 7Page - Fuji Electric FA5331PM Datasheet HTML 8Page - Fuji Electric FA5331PM Datasheet HTML 9Page - Fuji Electric FA5331PM Datasheet HTML 10Page - Fuji Electric FA5331PM Datasheet HTML 11Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
FA5331P(M)/FA5332P(M)
6. ON/OFF control input circuit
Figure 7 shows the ON/OFF control input circuit. If pin 12 is set
to the high level (enable), this IC outputs pulses from the OUT
pin. If pin 12 is set to the low level (disable), the internal bias
power (reference voltage) goes off and the IC current
consumption becomes about 1/10 that of its ON state. The
output level of pin 11 (CS for soft start) also goes low.
7. Output circuit
As Fig. 8 shows, pin 9 is configured as the high power terminal
(VC), independent of the IC power terminal (VCC). This pin
allows an independent drive resistance when the power
MOSFET is ON and OFF. If the drive resistances in the ON and
OFF states are Rg (on) and Rg (off), the following formulas can
be used to determine the total gate resistance
Rg:
Rg (on) = Rg1 + Rg2 ............................................. (9)
Rg (off) = Rg2 ..................................................... (10)
In the standby state, the output level of pin 8 is held low.
If the potential at the drain terminal of the power MOSFET
fluctuates, the gate-drain capacitance may drive the IC output
voltage at pin 8 to below 0. Once the voltage at pin 8 reaches
–0.6V, an unwanted current flows in the IC and a large abnormal
current flows in the output circuit when the output transistor is
turned on. To prevent this, connect a Schottky diode across the
gate and source of the power MOSFET.
Fig. 7 ON/OFF control input circuit
Fig. 8 Output circuit
1k
100k
Vcc
12
ON/OFF
10
µA
Rg2
Rg1
GND
VCC
Cv
+
10
9
8
7
Pin7
Schottky
diode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com