Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFBR-RUD500 Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # HFBR-RUD500
Description  Plastic Optical Fiber Cable and Accessories for Versatile Link
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HFBR-RUD500 Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HFBR-RUD500 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HFBR-RUD500 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HFBR-RUD500 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HFBR-RUD500 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HFBR-RUD500 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HFBR-RUD500 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HFBR-RUD500 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HFBR-RUD500 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HFBR-RUD500 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
Ordering Guide for POF Cable
ForExample:
HFBR-RUD500isaStandardAttenuation,Unconnectored,
Duplex,500metercable.
HFBR-RLS001isaStandardAttenuation,LatchingSimplex
Connectored,Simplex,1metercable.
HFBR-RMD010isaStandardAttenuation,StandardDuplex
Connectored,Duplex,10metercable.
HFBR-RMD100isaStandardAttenuation,StandardDuplex
Connectored,Duplex,100metercable.
Ordering Guide for POF Connectors and Accessories
Plastic Optical Fiber Connectors
HFBR-4501
GraySimplexConnector/CrimpRing
HFBR-4511
BlueSimplexConnector/CrimpRing
HFBR-4503
GraySimplexLatchingConnectorwithCrimpRing
HFBR-4513
BlueSimplexLatchingConnectorwithCrimpRing
HFBR-4506
ParchmentDuplexConnectorwithCrimpRing
HFBR-4516
GrayDuplexLatchingConnectorwithCrimpRing
HFBR-4505
GrayAdapter(Bulkhead/Feedthrough)
HFBR-4515
BlueAdapter(Bulkhead/Feedthrough)
Plastic Optical Fiber Accessories
HFBR-4522
500HFBR-0500ProductsPortPlugs
HFBR-4525
1000SimplexCrimpRings
HFBR-4526
500DuplexCrimpRings
HFBR-4593
PolishingKit(onepolishingtool,twopieces600grit
abrasivepaper,andtwopieces3µmpinklappingfilm)
HFBR-4597
PlasticFiberCrimpingTool
Cable Length Tolerances:
Theplasticcablelengthtolerancesare:+10%/-0%.
NOTE: By convention, pre-connectored simplex POF ca-
bleshavegrayandbluecoloredconnectorsontheop-
positeendsofthesamefiber;althoughoppositelycol-
ored,theconnectorsaremechanicallyidentical.Duplex
POF cables with duplex connectors use color- coded
markingsontheduplexfibercabletodifferentiatebe-
tweenthechannel.
Note:Notallpossiblecombinationsreflectavailablepartnumbers.
PleasecontactyourlocalAvagorepresentativeforalistofcurrentavailablecablepartnumbers.
Connector Code
U=Unconnectored
N=StandardSimplexConnectors
L=LatchingSimplexConnectors
M=StandardDuplexConnectors
T=LatchingDuplexConnectors
Cable Code
R=StandardAttenuationPOF
E=ExtraLowLossPOF
HFBR-
Channel Code
S=SimplexCable
D=DuplexZipcordCable
Length Code
(measuredfromtipofconnectortotipof
connector)
1-500metersin1meterincrements
e.g.015=15meters
1-10metersin1decimeterincrements
e.g.15D=1.5meters



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com