Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFBR-RUD500 Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # HFBR-RUD500
Description  Plastic Optical Fiber Cable and Accessories for Versatile Link
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HFBR-RUD500 Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HFBR-RUD500 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HFBR-RUD500 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HFBR-RUD500 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HFBR-RUD500 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HFBR-RUD500 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HFBR-RUD500 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HFBR-RUD500 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HFBR-RUD500 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HFBR-RUD500 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
Step 3
Anyexcessfiberprotrudingfromtheconnectorendmay
becutoff;however,thetrimmedfibershouldextendat
least1.5mm(0.06in)fromtheconnectorend.
Inserttheconnectorfullyintothepolishingfixturewith
the trimmed fiber protruding from the bottom of the
fixture.Thisplasticpolishingfixturecanbeusedtopolish
twosimplexconnectorsorsimplexlatchingconnectors
simultaneously,oroneduplexconnector.
Note: The four dots on the bottom of the polishing fixture
are wear indicators. Replace the polishing fixture when any
dot is no longer visible. Typically, the polishing fixture can
be used 10 times; 10 duplex connectors or 20 simplex con­
nectors, two at a time.
Place the 600 grit abrasive paper on a flat smooth surface,
pressing down on the connector, polish the fiber and the
connector using a figure eight pattern of strokes until the
connector is flush with the bottom of the polishing fixture.
Wipe the connector and fixture with a clean cloth or tissue.
Step 4
Placetheflushconnectorandpolishingfixtureonthedull
sideofthe3µmpinklappingfilmandcontinuetopolish
thefiberandconnectorforapproximately25strokes.The
fiberendshouldbeflat,smoothandclean.
Thiscableisnowreadyforuse.
Note:Useofthepinklappingfilmfinepolishingstepresultsin
approximately 2 dB improvement in coupling performance
ofeitheratransmitter­receiverlinkorabulkhead/spliceover
a 600 grit polish alone. This fine polish is comparable to the
Avagofactorypolish.Thefinepolishingstepmaybeomitted
where an extra 2 dB of optical power is not essential, as with
shortlinklengths.Properpolishingofthetipofthefiber/con­
nector face results in a tip diameter between 2.5 mm (0.098
in.) minimum and 3.2 mm (0.126 in.) maximum..
HFBR-4593 Polishing Kit



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com