Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFT6284 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SFT6284
Description  50 AMP NPN/PNP COMPLEMENTARY HIGH POWER DARLINGTON TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SFT6284 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SFT6284 Datasheet HTML 1Page - Solid States Devices, Inc SFT6284 Datasheet HTML 2Page - Solid States Devices, Inc SFT6284 Datasheet HTML 3Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: TR0128A
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SFT6284 (NPN)
SFT6287 (PNP)
Electrical Characteristics, Tc= 25 ºC
Symbol
Min
Max
Units
Collector – Emitter Breakdown Voltage
(IC = 100 mA, IB = 0)
SFT6284
SFT6287
VCEO(sus)
250
120
––
Volts
Collector Cutoff Current
VCE = 50 V
ICEO
––
0.5
mA
Collector Cutoff Current
VCE = 100 V, VBE(off) = 1.5V
ICEX
––
0.5
mA
Collector Cutoff Current
VCE = 50 V, R= 1 kΩ
ICER1
––
1
mA
Collector Cutoff Current
VCE = 50 V, R= 1 kΩ, TA= 150ºC
ICER2
––
10
mA
Emitter Cutoff Current
VEB = 5V, IC = 0
IEBO
––
5
mA
DC Current Gain*
(VCE = 3V)
IC = 10 A
IC = 20 A
HFE1
HFE2
1000
500
18,000
––
DC Current Gain*
(VCE = 5V)
IC = 25 A
IC = 50 A
HFE3
HFE4
1000
400
18,000
––
Collector-Emitter Saturation Voltage*
IC = 10 A, IB = 0.04 A
IC = 25 A, IB = 0.25 A
IC = 50 A, IB = 0.50 A
VCE (SAT)1
VCE (SAT)2
VCE (SAT)3
––
––
––
1.5
2.0
3.0
Volts
Collector-Emitter Saturation Voltage*
IC = 25 A, IB = 0.25 A
IC = 50 A, IB = 0.50 A
VBE (SAT)1
VBE (SAT)2
––
––
3.0
4.0
Volts
Bandwidth (VCE = 3 V, f= 1MHz, IC = 5A)
SFT6284
SFT6287
fT
2
1.5
––
––
MHz
Output Capacitance
VCB = 10V, IE = 0A,
f = 0.1 – 1 MHz
Cob
––
650
pF
NOTES: *Pulse Test: Pulse Width = 300µsec, Duty Cycle = 2%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com