Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFT6284 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SFT6284
Description  50 AMP NPN/PNP COMPLEMENTARY HIGH POWER DARLINGTON TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SFT6284 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SFT6284 Datasheet HTML 1Page - Solid States Devices, Inc SFT6284 Datasheet HTML 2Page - Solid States Devices, Inc SFT6284 Datasheet HTML 3Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: TR0128A
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Part Number / Ordering Information 1/
SFT628 __ __ __ __
│
│
│
│
│
│
│
│
│
│
│
│
│
└
│
│
│
│
│
│
│
│
│
│
└
│
│
│
│
│
│
└
└ Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV Level
S = S Level
Lead Options
__ = Straight Leads
DB = Down Bend
UB = Up Bend
Package
N = TO-258
P = TO-259
Polarity
4 = NPN
7 = PNP
SFT6284 (NPN)
SFT6287 (PNP)
50 AMP
NPN/PNP COMPLEMENTARY HIGH
POWER DARLINGTON
TRANSISTORS
Features:
Enhanced BVCEO performance: 250V (NPN)/120V (PNP)
Low Saturation Voltage
200
oC Operating Temperature
Hermetically Sealed, Isolated Power Package
TX, TXV, S-Level Screening Available. Consult Factory.
Application Notes:
SFT6284/6287 Darlington Transistors are enhanced
performance replacements for Motorola MJ11032/11033.
Designed for high voltage, high speed, power switching in
inductive circuits where fall time is critical. Particularly suited
for line operated switchmode applications such as:
Switching Regulators
Inverters
Solenoid and Relay Drives
Motor Controls
Maximum Ratings
Symbol
Value
Units
Collector – Emitter Voltage
SFT6284
SFT6287
VCEO
250
120
Volts
Collector – Base Voltage
SFT6284
SFT6287
VCBO
350
120
Volts
Emitter – Base Voltage
SFT6284
SFT6287
VEBO
5
8
Volts
Collector Current
Continuous
Peak
IC
ICM
50
100
Amps
Base Current
IB
2
Amps
Total Power Dissipation
Derate above 50ºC
@ TC = 25ºC
@ TC = 100ºC
PD
350
200
2
Watts
Watts
W/ºC
Operating & Storage Temperature
TJ & TSTG
-65 to +200
ºC
Maximum Thermal Resistance
(Junction to Case)
R0JC
0.5
(typ. 0.22)
ºC/W
NOTES:
TO-258 (N)
TO-259 (P)
1/ For ordering information, price, operating curves, and availability - contact factory.
2/ Screening based on MIL-PRF-19500. Screening flows available on request.


Similar Part No. - SFT6284

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SFT6200 ETC-SFT6200 Datasheet
272Kb / 6P
HIGH SPEED NPN TRANSISTOR 120 VOLTS
logo
Solid States Devices, I...
SFT6200 SSDI-SFT6200 Datasheet
174Kb / 2P
10 AMP RADIATION TOLLERANT PNP TRANSISTOR 150 VOLTS
More results

Similar Description - SFT6284

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2343 NTE-NTE2343 Datasheet
22Kb / 2P
Silicon Complementary Transistors Darlington Power Amp, Switch
NTE2351 NTE-NTE2351 Datasheet
24Kb / 2P
Silicon Complementary Transistors Darlington Power Amp, Switch
NTE270 NTE-NTE270 Datasheet
24Kb / 2P
Silicon Complementary Transistors Darlington Power Amp, Switch
logo
STMicroelectronics
MJD122-1 STMICROELECTRONICS-MJD122-1 Datasheet
91Kb / 8P
COMPLEMENTARY POWER DARLINGTON TRANSISTORS
Aug-2002
logo
List of Unclassifed Man...
RCA9228A ETC-RCA9228A Datasheet
201Kb / 4P
50-A COMPLEMENTARY HIGH CURRENT, MEDIUM VOLTAGE NPN AND PNP SILICON DARLINGTON POWER TRANSISTORS
logo
ON Semiconductor
MJD112 ONSEMI-MJD112_06 Datasheet
101Kb / 8P
Complementary Darlington Power Transistors
January, 2006 ??Rev. 7
logo
STMicroelectronics
TIP122FP STMICROELECTRONICS-TIP122FP_09 Datasheet
646Kb / 11P
Complementary power Darlington transistors
02-Dec-2009
logo
NTE Electronics
NTE2650 NTE-NTE2650 Datasheet
61Kb / 3P
NTE2649 (NPN) & NTE2650 (PNP) Silicon Complementary Transistors Darlington
logo
STMicroelectronics
2STW100 STMICROELECTRONICS-2STW100 Datasheet
121Kb / 7P
Complementary power Darlington transistors
08-Mar-2010
logo
ON Semiconductor
NJVMJD112 ONSEMI-NJVMJD112 Datasheet
153Kb / 10P
Complementary Darlington Power Transistors
November, 2013 ??Rev. 13
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com