Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC016 Datasheet(PDF) 2 Page - Fuji Electric

Part # SC016
Description  GENERAL USE RECTIFIER DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

SC016 Datasheet(HTML) 2 Page - Fuji Electric

  SC016 Datasheet HTML 1Page - Fuji Electric SC016 Datasheet HTML 2Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SC016(1.0A)
( 200V to 600V / 1.0A )
Characteristics
Forward characteristics
VF [V]
Reverse characteristics
1.0
0.5
0.1
0.05
0.01
VR [V]
IF
[A]
IR
[µA]
Current derating (Io-Ta)
Surge capability
1
3
5
10
30
Io
[A]
IFSM
[A]
Ta [°C]
5
3
1.0
0.5
0.1
0.05
0
0.2
0.4
0.6
0.8
1.0
1.2
100
200
300
400
500
600
0
20
40
60
80
100
120 140 150
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
100
50
30
10
5
500
100
50
10
1
0
10
100
1000
Land [mm2]
[°C/W]
[°C/W]
Thermal resistance print land
t [sec.]
Transient thermal impedance
100
10
1
10-3
10-2
10-1
100
101
102
[time] (at 50Hz)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com