Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC016 Datasheet(PDF) 1 Page - Fuji Electric

Part # SC016
Description  GENERAL USE RECTIFIER DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

SC016 Datasheet(HTML) 1 Page - Fuji Electric

  SC016 Datasheet HTML 1Page - Fuji Electric SC016 Datasheet HTML 2Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SC016 (1.0A)
(200V to 600V / 1.0A )
GENERAL USE RECTIFIER DIODE
Outline drawings
Features
Surface-mount device
High reliability
Applications
General purpose rectifier applications
Relay control use
Maximum ratings and characteristics
Absolute maximum ratings
Item
Repetitive peak reverse voltage
Non-repetitive peak reverse voltage
Average output current
Surge current
Operating junction temperature
Storage temperature
Symbol
VRRM
VRSM
IO
IFSM
Tj
Tstg
Conditions
Sine wave 10ms
-40 to +150
-40 to +150
Unit
V
V
A
A
°C
°C
Electrical characteristics (Ta=25°C Unless otherwise specified )
Item
Forward voltage drop
Reverse current
Thermal resistance
Symbol
VFM
IRRM
Rth(j-a)
Conditions
IFM=2.0A
VR=VRRM
Junction to ambient
Max.
Unit
V
µA
°C/W
Resistive load Ta=40
°C
Marking
Rating
200
400
600
-2
-4
-6
1.0 *
40
1.1
10
120*
*Mounted to glass fabric base epoxy resin printed circuits, land (15mm x 15mm)
3±0.2
5.1-0.1
+0.4
1.35±0.4
1.2±0.2
1.35±0.4
2 MIN.
Marking
BB
Cathode mark
Type name Abridged
type name
SC016-2
BB
SC016-4
BC
SC016-6
BD
200
400
600


Similar Part No. - SC016

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SC01000710 SKYWORKS-SC01000710 Datasheet
65Kb / 3P
MIS Chip Capacitors
SC01000710 SKYWORKS-SC01000710 Datasheet
161Kb / 5P
MIS Chip Capacitors
May 25, 2011
SC01000912 SKYWORKS-SC01000912 Datasheet
65Kb / 3P
MIS Chip Capacitors
SC01000912 SKYWORKS-SC01000912 Datasheet
161Kb / 5P
MIS Chip Capacitors
May 25, 2011
SC01001518 SKYWORKS-SC01001518 Datasheet
65Kb / 3P
MIS Chip Capacitors
More results

Similar Description - SC016

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
ERA17 FUJI-ERA17 Datasheet
38Kb / 2P
GENERAL USE RECTIFIER DIODE
ERB12 FUJI-ERB12 Datasheet
63Kb / 4P
GENERAL USE RECTIFIER DIODE
ERC01F FUJI-ERC01F Datasheet
40Kb / 3P
GENERAL USE RECTIFIER DIODE
ERC04 FUJI-ERC04 Datasheet
41Kb / 3P
GENERAL USE RECTIFIER DIODE
ERC12 FUJI-ERC12 Datasheet
9Kb / 1P
GENERAL USE RECTIFIER DIODE
ERC13 FUJI-ERC13 Datasheet
41Kb / 3P
GENERAL USE RECTIFIER DIODE
ERD03 FUJI-ERD03 Datasheet
40Kb / 3P
GENERAL USE RECTIFIER DIODE
logo
Hitachi Semiconductor
DSM1D HITACHI-DSM1D Datasheet
60Kb / 3P
GENERAL-USE RECTIFIER DIODE
DSA3A HITACHI-DSA3A Datasheet
52Kb / 3P
GENERAL-USE RECTIFIER DIODE
DSM3MA HITACHI-DSM3MA Datasheet
42Kb / 3P
GENERAL-USE RECTIFIER DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com