Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC201 Datasheet(PDF) 2 Page - Fuji Electric

Part # SC201
Description  FAST RECOVERY DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

SC201 Datasheet(HTML) 2 Page - Fuji Electric

  SC201 Datasheet HTML 1Page - Fuji Electric SC201 Datasheet HTML 2Page - Fuji Electric SC201 Datasheet HTML 3Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SC201(0.5A)
(200V to 600V / 0.5A )
Characteristics
Forward characteristics
VF [V]
Reverse characteristics
VR [V]
IF
[A]
IR
[µA]
[°C/W]
Junction capacitance characteristics
Cj
[pF]
VR [V]
10
5
3
1
0.5
3
1
0.5
0.3
0.1
0.05
0.03
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Surge capability
IFSM
[A]
1
3
5
10
30
30
10
5
3
1
100
50
30
10
5
3
1
0.5
0.3
0.1
0.05
0.03
0
100
200
300 400
500 600
700
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0
20
40
60
80
100 120 140
Current derating (Io - Ta)
10
30
50
100
300
Ta [°C]
IO
[A]
10
100
1000
[mm2]
500
100
10
1
Thermal resistance print land
[time] (at 50Hz)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com