Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC201 Datasheet(PDF) 1 Page - Fuji Electric

Part # SC201
Description  FAST RECOVERY DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

SC201 Datasheet(HTML) 1 Page - Fuji Electric

  SC201 Datasheet HTML 1Page - Fuji Electric SC201 Datasheet HTML 2Page - Fuji Electric SC201 Datasheet HTML 3Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SC201 (0.5A)
( 200V to 600V / 0.5A )
FAST RECOVERY DIODE
Outline drawings, mm
Features
Surface mount device
High voltage by mesa design
High reliability
Applications
High speed switching
Maximum ratings and characteristics
Absolute maximum ratings
Item
Repetitive peak reverse voltage
Non-repetitive peak reverse voltage
Average output current
Surge current
Operating junction temperature
Storage temperature
Symbol
VRRM
VRSM
IO
IFSM
Tj
Tstg
Conditions
Sine wave 10ms
10
-40 to +140
-40 to +140
Unit
V
V
A
A
°C
°C
Electrical characteristics (Ta=25°C Unless otherwise specified )
Item
Forward voltage drop
Reverse current
Reverse recovery time
Thermal resistance
Symbol
VFM
IRRM
t rr
Rth(j-a)
Conditions
IFM=0.5A
VR=VRRM
IF=0.1A, IR=0.1A
Junction to ambient
10
400
120*
Unit
V
µA
ns
°C/W
Resisitive load (Ta=40°C)
Rating
-02
-04
-06
0.5*
200
400
600
200
400
600
Max.
1.5
Marking
3±0.2
5.1-0.1
+0.4
1.35±0.4
1.2±0.2
1.35±0.4
2 MIN.
Marking
GA
Cathode mark
Type name code
SC201-2
GA
SC201-4
GB
SC201-6
GC
Code
Lot. No
*Mounted to glass fabric base epoxy resin printed circuits, land (15mm x 15mm)


Similar Part No. - SC201

ManufacturerPart #DatasheetDescription
logo
Polyfet RF Devices
SC201 POLYFET-SC201 Datasheet
62Kb / 2P
SILICON GATE ENHANCEMENT MODE
logo
Infinite Electronics In...
SC2010C FAIRVIEW-SC2010C Datasheet
464Kb / 3P
N Male Open Circuit Connector Cap With 2.5 Inch Chain
REV 2.1
SC2011C FAIRVIEW-SC2011C Datasheet
452Kb / 3P
N Male Open Circuit Connector Cap With 2.76 Inch Chain
REV 1.1
logo
Jinan Jing Heng Electro...
SC20120PT JINGHENG-SC20120PT Datasheet
760Kb / 5P
Silicon Carbide Schottky Diode
logo
Infinite Electronics In...
SC2015 FAIRVIEW-SC2015 Datasheet
443Kb / 3P
SC2015 DATA SHEET N Male Open Circuit Connector Cap
REV 2.0
More results

Similar Description - SC201

ManufacturerPart #DatasheetDescription
logo
Power Semiconductors
ARF221 POSEICO-ARF221 Datasheet
43Kb / 4P
FAST RECOVERY DIODE
ARF241 POSEICO-ARF241 Datasheet
43Kb / 4P
FAST RECOVERY DIODE
ARF462 POSEICO-ARF462 Datasheet
105Kb / 2P
FAST RECOVERY DIODE
ARF565 POSEICO-ARF565 Datasheet
45Kb / 4P
FAST RECOVERY DIODE
ARF673 POSEICO-ARF673 Datasheet
104Kb / 2P
FAST RECOVERY DIODE
logo
Dynex Semiconductor
DF054 DYNEX-DF054 Datasheet
58Kb / 7P
Fast Recovery Diode
DF654 DYNEX-DF654 Datasheet
61Kb / 7P
Fast Recovery Diode
DSF8045SK DYNEX-DSF8045SK Datasheet
63Kb / 9P
Fast Recovery Diode
MDFB51 DYNEX-MDFB51 Datasheet
69Kb / 8P
Fast Recovery Diode
logo
Rohm
RF101L4S ROHM-RF101L4S Datasheet
116Kb / 4P
Fast recovery diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com