Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFT5014 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SFT5014
Description  0.5 AMP, 800 ??900 Volts NPN Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SFT5014 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SFT5014 Datasheet HTML 1Page - Solid States Devices, Inc SFT5014 Datasheet HTML 2Page - Solid States Devices, Inc SFT5014 Datasheet HTML 3Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: XN0031J
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Part Number / Ordering Information
1/
SFT50
__
__
__
│
│
│
│
│
│
│
│
│
│
│
│
│
│
└
Screening
2/
__ = Not Screened
TX = TX Level
TXV = TXV Level
S = S Level
└
Package
-4 = LCC4
/39 = TO-39
/5 = TO-5
G = Cerpack
S.22 = SMD.22
└
Family / Voltage
13 = 800V
14 = 900V
SFT5013 and SFT5014
Series
0.5 AMP, 800 – 900 Volts
NPN Transistor
FEATURES:
 BVCER to 900 volts
 Low Saturation Voltage
 Low Leakage at High Temperature
 High Gain, Low Saturation
 200° C Operating, Gold Eutectic Die Attach
 2N5010 thru 2N5012 Also Available, Contact Factory
 Designed for Complementary Use with SFT5094 and
SFT5096
 TX, TXV, and S-Level Screening Available
Maximum Ratings
Symbol
Value
Units
Collector – Emitter Voltage (RBE= 1 kΩ)
5013
5014
VCER
800
900
V
Collector – Base Voltage
5013
5014
VCBO
800
900
V
Emitter – Base Voltage
VEBO
5
V
Collector – Emitter Breakdown Voltage
5013
5014
BVCEO
300
400
V
Peak Collector Current
IC
0.5
A
Peak Base Current
IB
250
mA
Total Device Dissipation @ TC= 25º C
@ TA= 25º C
Derate above TC= 25º C
@ TC= 100º C
Derate above TC= 100º C
@ TC= 25º C
@ TC= 25º C
-4
/39 & /5
G
S.22
PD
1.0
2.0
20
2.0
20
17.5
14.5
W
W
mW/ºC
W
mW/ºC
W
W
Operating and Storage Temperature
TOP & TSTG
-65 to +200
ºC
Thermal Resistance, Junction to Case
-4
/39 & /5
G
S.22
RθJC / RθJA
RθJC
RθJC
RθJC
175 / 440
50 (typ 30)
10 (typ 5)
12 (typ 9)
ºC/W
4 PIN CLCC (-4)
TO-39 (/39)
TO-5 (/5)
Cerpack (G)
SMD.22 (S.22)
Notes: 1/ For ordering information, price, operating curves, and availability - contact factory.
2/ Screening based on MIL-PRF-19500. Screening flows available on request.
3/ Unless otherwise specified, maximum ratings/electrical characteristics at 25°C.
4/ Pulse Test: Pulse Width = 300 µs, Duty Cycle = 2%


Similar Part No. - SFT5014

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SFT5014-39 SSDI-SFT5014-39 Datasheet
135Kb / 2P
NPN Transistor
SFT5014-4 SSDI-SFT5014-4 Datasheet
30Kb / 2P
0.5 AMP 800 - 1000 VOLTS NPN TRANSISTOR
SFT5014-4 SSDI-SFT5014-4 Datasheet
135Kb / 2P
NPN Transistor
SFT5014-5 SSDI-SFT5014-5 Datasheet
135Kb / 2P
NPN Transistor
More results

Similar Description - SFT5014

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SFT8600-4 SSDI-SFT8600-4 Datasheet
56Kb / 2P
1 AMP 1000 VOLTS NPN TRANSISTOR
SFT6800 SSDI-SFT6800 Datasheet
53Kb / 2P
2 AMP 500 VOLTS NPN TRANSISTOR
STX7905 SSDI-STX7905 Datasheet
56Kb / 2P
1 AMP 600 VOLTS NPN TRANSISTOR
2N5013 SSDI-2N5013 Datasheet
74Kb / 2P
0.5 AMP 800 - 1000 Volts NPN Transistor
SFT6800-59 SSDI-SFT6800-59 Datasheet
105Kb / 2P
2 AMP 500 VOLTS NPN TRANSISTOR
SFT4300 SSDI-SFT4300 Datasheet
245Kb / 2P
2 AMP 150 VOLTS NPN TRANSISTOR
SFT5013-4 SSDI-SFT5013-4 Datasheet
30Kb / 2P
0.5 AMP 800 - 1000 VOLTS NPN TRANSISTOR
2N5015 SSDI-2N5015_1 Datasheet
128Kb / 2P
0.5 AMP, 1000 Volts NPN Transistor
TR0116C SSDI-TR0116C Datasheet
176Kb / 3P
800 mA 75 Volts NPN High Speed Transistor
XN0029E SSDI-XN0029E Datasheet
79Kb / 2P
2 AMP, 150 Volts NPN Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com