Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M27C1001 Datasheet(PDF) 12 Page - STMicroelectronics

Part # M27C1001
Description  1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C1001 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button M27C1001 Datasheet HTML 8Page - STMicroelectronics M27C1001 Datasheet HTML 9Page - STMicroelectronics M27C1001 Datasheet HTML 10Page - STMicroelectronics M27C1001 Datasheet HTML 11Page - STMicroelectronics M27C1001 Datasheet HTML 12Page - STMicroelectronics M27C1001 Datasheet HTML 13Page - STMicroelectronics M27C1001 Datasheet HTML 14Page - STMicroelectronics M27C1001 Datasheet HTML 15Page - STMicroelectronics M27C1001 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
Maximum ratings
M27C1001
12/24
3
Maximum ratings
Table 4.
Absolute Maximum Ratings(1)
1.
Except for the rating "Operating Temperature Range", stresses above those listed in the Table "Absolute
Maximum Ratings" may cause permanent damage to the device. These are stress ratings only and
operation of the device at these or any other conditions above those indicated in the Operating sections of
this specification is not implied. Exposure to Absolute Maximum Rating conditions for extended periods
may affect device reliability. Refer also to the STMicroelectronics SURE Program and other relevant quality
documents.
Symbol
Parameter
Value
Unit
TA
Ambient Operating Temperature (2)
2.
Depends on range.
–40 to 125
°C
TBIAS
Temperature Under Bias
–50 to 125
°C
TSTG
Storage Temperature
–65 to 150
°C
VIO
(3)
3.
Minimum DC voltage on Input or Output is –0.5V with possible undershoot to –2.0V for a period less than
20ns.
Maximum DC voltage on Output is VCC +0.5V with possible overshoot to VCC +2V for a period less than
20ns.
Input or Output Voltage (except A9)
–2 to 7
V
VCC
Supply Voltage
–2 to 7
V
VA9
(3)
A9 Voltage
–2 to 13.5
V
VPP
Program Supply Voltage
–2 to 14
V
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com