Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M27C1001 Datasheet(PDF) 16 Page - STMicroelectronics

Part # M27C1001
Description  1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C1001 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button M27C1001 Datasheet HTML 12Page - STMicroelectronics M27C1001 Datasheet HTML 13Page - STMicroelectronics M27C1001 Datasheet HTML 14Page - STMicroelectronics M27C1001 Datasheet HTML 15Page - STMicroelectronics M27C1001 Datasheet HTML 16Page - STMicroelectronics M27C1001 Datasheet HTML 17Page - STMicroelectronics M27C1001 Datasheet HTML 18Page - STMicroelectronics M27C1001 Datasheet HTML 19Page - STMicroelectronics M27C1001 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
DC and AC characteristics
M27C1001
16/24
TA = 0 to 70°C, –40 to 85°C or –40 to 125°C; VCC = 5V ± 5% or 5V ± 10%; VPP = VCC
Figure 8.
Read Mode AC Waveforms
Table 10.
Read Mode AC Characteristics (1)
1.
VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP.
Symbol
Alt
Parameter
Test
Condition
M27C1001
Unit
-80
-90
-10
-12/-15/
-20/-25
Min Max Min Max Min Max Min Max
tAVQV
tACC
Address Valid to
Output Valid
E = VIL, G =
VIL
80
90
100
120
ns
tELQV
tCE
Chip Enable Low
to Output Valid
G = VIL
80
90
100
120
ns
tGLQV
tOE
Output Enable
Low to Output
Valid
E = VIL
40
45
50
60
ns
tEHQZ
(2)
2.
Sampled only, not 100% tested.
tDF
Chip Enable High
to Output Hi-Z
G = VIL
0
300300
30
0
40
ns
tGHQZ
(2)
tDF
Output Enable
High to Output
Hi-Z
E = VIL
0
300300
30
0
40
ns
tAXQX
tOH
Address
Transition to
Output Transition
E = VIL, G =
VIL
0
000
ns
AI00713B
tAXQX
tEHQZ
A0-A16
E
G
Q0-Q7
tAVQV
tGHQZ
tGLQV
tELQV
VALID
Hi-Z
VALID
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com