Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMLDL-3050-RZ Datasheet(PDF) 7 Page - AIMTEC

Part # AMLDL-3050-RZ
Description  LED Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMLDL-3050-RZ Datasheet(HTML) 7 Page - AIMTEC

Back Button AMLDL-3050-RZ Datasheet HTML 3Page - AIMTEC AMLDL-3050-RZ Datasheet HTML 4Page - AIMTEC AMLDL-3050-RZ Datasheet HTML 5Page - AIMTEC AMLDL-3050-RZ Datasheet HTML 6Page - AIMTEC AMLDL-3050-RZ Datasheet HTML 7Page - AIMTEC AMLDL-3050-RZ Datasheet HTML 8Page - AIMTEC AMLDL-3050-RZ Datasheet HTML 9Page - AIMTEC AMLDL-3050-RZ Datasheet HTML 10Page - AIMTEC AMLDL-3050-RZ Datasheet HTML 11Page - AIMTEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Series AMLDL-RZ
Up to 700mA | LED Driver
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.F
7 of 17
North America only
Thermal Feedback Circuit
The selection of components for the thermal feedback circuit is depends on the choice of R2 and R3 and the effectiveness of
the LED heatsink. To optimize the LED brightness control at high temperatures, the LEDs must have a sufficient thermal
extraction path, if not the reduction in drive current will not be optimal.
The thermal control threshold points are set by adjusting R2. Three values (33K, 22K, and 10K) were tested. These values
were chosen to provide thermal break points of approximately 25ºC, 40ºC, and 60ºC.
Note, that the LED drive current will not continually dim to zero – the thermal controls applying DC control to that VADJ pin
has a dimming ratio from maximum current of approximately 5:1.
Once the reduced DC level drops below the shutdown threshold of around 200mV, the LED drive current will fall to zero and
the LEDs will be off.
The slope of the current reduction is determined by the beta value of the thermistor. The larger the Beta value the sharper
will be the resultant current control response. The slope of the current reduction is also affected by Q1’s base emitter voltage
variation with temperature.
AMLDL-RZ
-Vin
VADJ
1st LED
+Vout
1
1
-Vout
GND
1
10K
Last LED
Q1
1
R1
4.7K
R2
10K
R3
10K
Thermistor
B 3900
BZX284C6V2
+Vin
+Vin
Thermally Connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com