Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMLDL-3050-RZ Datasheet(PDF) 10 Page - AIMTEC

Part # AMLDL-3050-RZ
Description  LED Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMLDL-3050-RZ Datasheet(HTML) 10 Page - AIMTEC

Back Button AMLDL-3050-RZ Datasheet HTML 6Page - AIMTEC AMLDL-3050-RZ Datasheet HTML 7Page - AIMTEC AMLDL-3050-RZ Datasheet HTML 8Page - AIMTEC AMLDL-3050-RZ Datasheet HTML 9Page - AIMTEC AMLDL-3050-RZ Datasheet HTML 10Page - AIMTEC AMLDL-3050-RZ Datasheet HTML 11Page - AIMTEC AMLDL-3050-RZ Datasheet HTML 12Page - AIMTEC AMLDL-3050-RZ Datasheet HTML 13Page - AIMTEC AMLDL-3050-RZ Datasheet HTML 14Page - AIMTEC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Series AMLDL-RZ
Up to 700mA | LED Driver
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.F
10 of 17
North America only
AMLDL-3050-RZ
Efficiency vs Vin
(Forward Voltage = 3.5V per LED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com