Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5022MM Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM5022MM
Description  60V Low Side Controller for Boost and SEPIC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5022MM Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM5022MM Datasheet HTML 17Page - Texas Instruments LM5022MM Datasheet HTML 18Page - Texas Instruments LM5022MM Datasheet HTML 19Page - Texas Instruments LM5022MM Datasheet HTML 20Page - Texas Instruments LM5022MM Datasheet HTML 21Page - Texas Instruments LM5022MM Datasheet HTML 22Page - Texas Instruments LM5022MM Datasheet HTML 23Page - Texas Instruments LM5022MM Datasheet HTML 24Page - Texas Instruments LM5022MM Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
100
1k
10k
100k
1M
FREQUENCY (Hz)
-30
-15
0
15
30
45
60
1
S
Qn =
-D + 0.5 + (1 - D)
Se
Sn
LM5022
www.ti.com
SNVS480E – JANUARY 2007 – REVISED OCTOBER 2011
(49)
The sampling double corner frequency is:
ωn = π x fSW
(50)
The natural inductor current slope is:
Sn = RSNS x VIN / L
(51)
The external ramp slope is:
Se = 45 µA x (2000 + RS1 + RS2)] x fSW
(52)
In the equation for APS, DC gain is highest when input voltage and output current are at the maximum. In this the
example those conditions are VIN = 16V and IO = 500 mA.
DC gain is 44 dB. The low frequency pole fP = 2πωP is at 423Hz, the ESR zero fZ = 2πωZ is at 5.6 MHz, and the
right-half plane zero fRHP = 2πωRHP is at 61 kHz. The sampling double-pole occurs at one-half of the switching
frequency. Proper selection of slope compensation (via RS2) is most evident the sampling double pole. A well-
selected RS2 value eliminates peaking in the gain and reduces the rate of change of the phase lag. Gain and
phase plots for the power stage are shown in Figure 9.
Figure 9. Power Stage Gain and Phase
Copyright © 2007–2011, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM5022



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com