Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5022MM Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM5022MM
Description  60V Low Side Controller for Boost and SEPIC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5022MM Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM5022MM Datasheet HTML 9Page - Texas Instruments LM5022MM Datasheet HTML 10Page - Texas Instruments LM5022MM Datasheet HTML 11Page - Texas Instruments LM5022MM Datasheet HTML 12Page - Texas Instruments LM5022MM Datasheet HTML 13Page - Texas Instruments LM5022MM Datasheet HTML 14Page - Texas Instruments LM5022MM Datasheet HTML 15Page - Texas Instruments LM5022MM Datasheet HTML 16Page - Texas Instruments LM5022MM Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
IO
1-D
2
PC = D x
x RDSON x 1.3
LM5022
www.ti.com
SNVS480E – JANUARY 2007 – REVISED OCTOBER 2011
SWITCHING FREQUENCY
The selection of switching frequency is based on the tradeoffs between size, cost, and efficiency. In general, a
lower frequency means larger, more expensive inductors and capacitors will be needed. A higher switching
frequency generally results in a smaller but less efficient solution, as the power MOSFET gate capacitances must
be charged and discharged more often in a given amount of time. For this application, a frequency of 500 kHz
was selected as a good compromise between the size of the inductor and efficiency. PCB area and component
height are restricted in this application. Following the equation given for RT in the Applications Information
section, a 33.2 k
Ω 1% resistor should be used to switch at 500 kHz.
MOSFET
Selection of the power MOSFET is governed by tradeoffs between cost, size, and efficiency. Breaking down the
losses in the MOSFET is one way to determine relative efficiencies between different devices. For this example,
the SO-8 package provides a balance of a small footprint with good efficiency.
Losses in the MOSFET can be broken down into conduction loss, gate charging loss, and switching loss.
Conduction, or I2R loss, PC, is approximately:
(3)
The factor 1.3 accounts for the increase in MOSFET on resistance due to heating. Alternatively, the factor of 1.3
can be ignored and the maximum on resistance of the MOSFET can be used.
Gate charging loss, PG, results from the current required to charge and discharge the gate capacitance of the
power MOSFET and is approximated as:
PG = VCC x QG x fSW
(4)
QG is the total gate charge of the MOSFET. Gate charge loss differs from conduction and switching losses
because the actual dissipation occurs in the LM5022 and not in the MOSFET itself. If no external bias is applied
to the VCC pin, additional loss in the LM5022 IC occurs as the MOSFET driving current flows through the VCC
regulator. This loss, PVCC, is estimated as:
PVCC = (VIN – VCC) x QG x fSW
(5)
Switching loss, PSW, occurs during the brief transition period as the MOSFET turns on and off. During the
transition period both current and voltage are present in the channel of the MOSFET. The loss can be
approximated as:
PSW = 0.5 x VIN x [IO / (1 – D)] x (tR + tF) x fSW
(6)
Where tR and tF are the rise and fall times of the MOSFET
For this example, the maximum drain-to-source voltage applied across the MOSFET is VO plus the ringing due to
parasitic inductance and capacitance. The maximum drive voltage at the gate of the high side MOSFET is VCC,
or 7V typical. The MOSFET selected must be able to withstand 40V plus any ringing from drain to source, and
be able to handle at least 7V plus ringing from gate to source. A minimum voltage rating of 50VD-S and 10VG-S
MOSFET will be used. Comparing the losses in a spreadsheet leads to a 60VD-S rated MOSFET in SO-8 with an
RDSON of 22 mΩ (the maximum vallue is 31 mΩ), a gate charge of 27 nC, and rise and falls times of 10 ns and
12 ns, respectively.
Copyright © 2007–2011, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM5022



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com