Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCPC Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # DCPC
Description  Two Channel Pump Combiner
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

DCPC Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  DCPC Datasheet HTML 1Page - OPLINK Communications Inc. DCPC Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Description
Features
DCPC Series
2x1 Configuration
Unit
Wavelength Range
1400 ~ 1500
nm
Channel Spacing
10 ~ 30
nm
Insertion Loss @ Central Wave-
length ±1nm
< 0.6
dB
Polarization Dependent Loss
< 0.2
dB
Directivity
> 55
dB
Maximum Power Handling
500
mW
Return Loss
> 55
dB
Operating Temperature Range
- 10 to + 75
°C
Storage Temperature Range
- 40 to + 85
°C
Package Dimensions [1]
P1: 250 µm bare fiber
P2: 900 µm loose tube
P3: 3mm cable
(Ø) 4.0 x (L) 75
(Ø) 4.0 x (L) 80
(L) 96.0 x (W) 12.0 x (H) 6.4
mm
Applications
Performance Specificationns
Note:
[1] The mechanical tolerance should be +/- 0.2 mm on all package dimensions unless otherwise custom specified.
Port In
L
Ø
Port Out 1
Port Out 2
S0155 - R01. 20101101
Two Channel Pump Combiner (1480)
DCPC Series
Oplink’s 1480 nm two-channel pump combiner are manufactured using the
proven fused biconical taper technology and Oplink’s stringent quality pro-
cedures.With low insertion loss, this device is ideal for combining two pump
sources near 1480 nm in optical fiber amplifiers.
Oplink can provide customized designs to meet specialized feature applica-
tions. Also, Oplink offers modular assemblies that integrate other compo-
nents to form a full function module or subsystem.
Low Insertion Loss
High Stability & Reliability
Wide Operating Temperature
Range
Double Pumping


Similar Part No. - DCPC

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
DCPC-S0155 OPLINK-DCPC-S0155 Datasheet
284Kb / 2P
Two Channel Pump Combiner
DCPC14601021111 OPLINK-DCPC14601021111 Datasheet
130Kb / 2P
Two Channel Pump Combiner
DCPC14601021112 OPLINK-DCPC14601021112 Datasheet
130Kb / 2P
Two Channel Pump Combiner
DCPC14601021113 OPLINK-DCPC14601021113 Datasheet
130Kb / 2P
Two Channel Pump Combiner
DCPC14601021114 OPLINK-DCPC14601021114 Datasheet
130Kb / 2P
Two Channel Pump Combiner
More results

Similar Description - DCPC

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
PD19-73LF SKYWORKS-PD19-73LF Datasheet
177Kb / 4P
Two-Way Power Splitter/Combiner 1.71-1.99 GHz
PD16-73LF SKYWORKS-PD16-73LF Datasheet
184Kb / 4P
Two-Way Power Splitter Combiner 1.42-1.66 GHz
logo
Finisar Corporation.
1012200 FINISAR-1012200 Datasheet
43Kb / 1P
14XX Pump-Pump Combiner
1016695 FINISAR-1016695 Datasheet
116Kb / 1P
14XX/CL Band Pump-Signal Combiner
1012199 FINISAR-1012199 Datasheet
42Kb / 1P
14XX/C-Band Pump-Signal Combiner
logo
OPLINK Communications I...
DCPC14601021111 OPLINK-DCPC14601021111 Datasheet
130Kb / 2P
Two Channel Pump Combiner
QCPC14AB064 OPLINK-QCPC14AB064 Datasheet
171Kb / 2P
Four-Channel Pump Combiner
DCPC-S0155 OPLINK-DCPC-S0155 Datasheet
284Kb / 2P
Two Channel Pump Combiner
QCPC-S0165 OPLINK-QCPC-S0165 Datasheet
289Kb / 2P
Four Channel Pump Combiner
QCPC OPLINK-QCPC Datasheet
289Kb / 2P
Four Channel Pump Combiner
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com