Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCPC Datasheet(PDF) 2 Page - OPLINK Communications Inc.

Part # DCPC
Description  Two Channel Pump Combiner
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

DCPC Datasheet(HTML) 2 Page - OPLINK Communications Inc.

  DCPC Datasheet HTML 1Page - OPLINK Communications Inc. DCPC Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Lines: Mux/Demux Switching/Routing Coupling/Splitting Monitoring/Conditioning Amplification Transmission Interconnect RGB Laser Modules
DCPC
Ordering Information
Oplink can provide a remarkable range of customized optical solutions. For detail, please contact Oplink’s OEM
design team or account manager for your requirements and ordering information (510) 933-7200.
2
Package & Fiber Type
Channel Spacing
Configuration
11 = P1 + 250 µm bare fiber
22 = P2 + 900 µm loose tube
33 = P3 + 3 mm cable
10 = 10nm
20 = 20nm
30 = 30nm
2 = 2x1
Shorter Wavelength
Fiber Length
1460 = 1460nm
etc.
0.5 Meter = H
1.0 Meter = 1
1.5 Meters = 5
2.0 Meters = 2
Connector Type
1 = None
2 = FC/PC
3 = FC/SPC
4 = FC/APC
5 = SC/PC
6 = SC/SPC
7 = SC/APC
8 = ST
9 = LC
A = MU
Two Channel Pump Combiner (1480)
DCPC Series
S0155 - R01. 20101101
RoHS :
[1] Add “G” to the end of the above PN for RoHS 6



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com