Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XH9-019PKC-R Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # XH9-019PKC-R
Description  100 mW/900 MHz or 50 mW/2.4 GHz Stand-Alone Radio Modems
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

XH9-019PKC-R Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  XH9-019PKC-R Datasheet HTML 1Page - List of Unclassifed Manufacturers XH9-019PKC-R Datasheet HTML 2Page - List of Unclassifed Manufacturers XH9-019PKC-R Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DIGISERVICEANDSUPPORT-YoucanpurchasewithconfidenceknowingthatDigiisheretosupportyou
withexperttechnicalsupportandastrongfive-yearwarranty.www.digi.com/support
Visit www.digi.com for part numbers.
info@digi.com
Digi International
Worldwide HQ
877-912-3444
952-912-3444
Digi International
France
+33-1-55-61-98-98
www.digi.fr
Digi International
Japan
+81-3-5428-0261
www.digi-intl.co.jp
Digi International
India
+91-80-4287-9887
Digi International
Singapore
+65-6213-5380
Digi International
China
+86-21-5150-6898
www.digi.cn
BUY ONLINE •
www.digi.com
© 2005-2011 Digi International Inc.
All rights reserved. Digi, Digi International, the Digi logo, the Wireless M2M logo and XStream are trademarks or registered
trademarks of Digi International Inc. in the United States and other countries worldwide. All other trademarks are the property of their
respective owners.
91001400
B1/911
Features/Specifications
91001400
A1/207
© 2005-2007 Digi International Inc.
All rights reserved. Digi, Digi International, the Digi logo, the When Reliability Matters logo, MaxStream and XStream are either trademarks or
registered trademarks of Digi International Inc. in the United States and other countries worldwide. All other trademarks are the property of
their respective holders.
Digi International
11001 Bren Road E.
Minnetonka, MN 55343
U.S.A.
PH: 877-912-3444
952-912-3444
FX: 952-912-4952
email: info@digi.com
Digi International
France
31 rue des Poissonniers
92200 Neuilly sur Seine
PH: +33-1-55-61-98-98
FX: +33-1-55-61-98-99
www.digi.fr
Digi International
KK
NES Building South 8F
22-14 Sakuragaoka-cho,
Shibuya-ku
Tokyo 150-0031, Japan
PH: +81-3-5428-0261
FX: +81-3-5428-0262
www.digi-intl.co.jp
Digi International
(HK) Limited
Suite 1703-05, 17/F.,
K Wah Centre
191 Java Road
North Point, Hong Kong
PH: +852-2833-1008
FX: +852-2572-9989
www.digi.cn
DIGI SERVICE AND SUPPORT - You can purchase with confidence knowing that Digi is here
to support you with expert technical support and a strong five-year warranty. www.digi.com/support
Digi International, the leader in device networking for business, develops reliable
products and technologies to connect and securely manage local or remote electronic
devices over the network or via the web. With over 20 million ports shipped worldwide
since 1985, Digi offers the highest levels of performance, flexibility and quality.
www.digi.com
WHEN
MATTERS™
• Indoor/Urban range (w/ 2.1 dB dipole
antenna):
- Up to 1500 feet (450 m) @ 900 MHz
- Up to 600 feet (180 m) @ 2.4 GHz
• Outdoor RF line-of-sight range
(w/ 2.1 dB dipole antenna):
- Up to 7 mi (11 km) @ 900 MHz
- Up to 3 mi (5 km) @ 2.4 GHz
• Outdoor RF line-of-sight range
(w/ high gain antenna):
- Up to 20 mi (32 km) @ 900 MHz
- Up to 10 mi (16 km) @ 2.4 GHz
• Transmit power output:
- 100 mW (20 dBm) @ 900 MHz
- 50 mW (17 dBm) @ 2.4 GHz
• Receiver sensitivity:
- 900MHz: -110 dBm (@9,600 bps
throughput data rate), -107 dBm
(@19,200 bps)
- 2.4 GHz: -105 dBm (@9,600 bps
throughput data rate), -102 dBm
(@19,200 bps)
• Interface data rate (software
selectable): 10 - 57600 bps
(including non-standard baud rates)
• Throughput data rate:
9,600 or 19,200 bps
• RF data rate: 10,000 bps (@9,600 bps
throughput data rate) or 20,000 bps
(@19,200 bps)
PERFORMANCE
• FCC ID (U.S. Certification Part 15.247)
- OUR9XSTREAM (900 MHz),
- OUR-24XSTREAM (2.4 GHz)
• IC ID (Canada)
- 4214A-9XSTREAM (900 MHz),
- 4214A 12008 (2.4 GHz)
• Europe
- ETSI, CE (2.4 GHz only)
CERTIFICATIONS
XStream-PKG-R, XStream-PKG-U,
• Length: 2.75 in (6.99 cm)
• Width: 5.50 in (13.97 cm)
• Depth: 1.12 in (2.86 cm)
• Weight: 7.10 oz (200.00 g)
XStream-PKG-T
• Length: 2.75 in (6.99 cm)
• Width: 6.50 in (16.51 cm)
• Depth: 1.50 in (3.80 cm)
• Weight: 8.10 oz (228.00 g)
DIMENSIONS
All models
• Operating temperature:
0º C to 70º C (commercial)
• Operating temperature:
-40º C to 85º C (industrial)
ENVIRONMENTAL
XStream-PKG-R
• Power supply voltage: 7 - 18V
• Receive current:
- 70 mA @ 900 MHz
- 90 mA @ 2.4 GHz
• Transmit current:
- 170 mA @ 900 MHz
- 180 mA @ 2.4 GHz
• Power Down Current: < 1 mA
XStream-PKG-U
• Power supply voltage: 5 - 12V
• Receive current:
- 90 mA @ 900 MHz
- 115 mA @ 2.4 GHz
• Transmit current:
- 185 mA @ 900 MHz
- 200 mA @ 2.4 GHz
• Power Down Current: 50 mA
XStream-PKG-T
• Power supply voltage: 7 - 28V
• Receive current:
- 140 mA @ 900 MHz
- 160 mA @ 2.4 GHz
• Transmit current:
- 220 mA @ 900 MHz
- 230 mA @ 2.4 GHz
• Power down current: n/a
POWER
REQUIREMENTS
• Frequency: ISM 902 - 928 MHz or
2.4000 - 2.4835 GHz
• Spread Spectrum: FHSS (Frequency
Hopping Spread Spectrum)
• Modulation: FSK (Frequency
Shift Keying)
• Supported network topologies:
Peer-to-peer (no master/slave
dependencies), point-to-point,
point-to-multipoint and multidrop
• Channel capacity (software selectable):
7 hopping sequences
• Network filtration layers: VID, Hopping
Channel & Destination Address
NETWORKING AND
SECURITY
• Connector options:
RPSMA (Reverse Polarity SMA)
• Impedance: 50 ohms unbalanced
ANTENNA
• RS-232/485 DB-9 (XStream-PKG-R)
• USB (XStream-PKG-U)
• Telephone RJ-11 (XStream-PKG-T)
CONNECTION OPTIONS
XStream-PKG-R - Front
DB-9M
Serial
Port
I/O &
Power
LEDs
Power
Switch
Power
Connector
XStream-PKG-R - Back
Antenna
Connector
DIP
Switch
Config
Switch
XStream-PKG - Side
Antenna
Connector
5.875”
Antenna
For part numbers, please visit the XStream-PKG product page on the Digi website.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com