Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XH9-019PKC-R Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # XH9-019PKC-R
Description  100 mW/900 MHz or 50 mW/2.4 GHz Stand-Alone Radio Modems
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

XH9-019PKC-R Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  XH9-019PKC-R Datasheet HTML 1Page - List of Unclassifed Manufacturers XH9-019PKC-R Datasheet HTML 2Page - List of Unclassifed Manufacturers XH9-019PKC-R Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.digi.com
Application Highlight
Features/Benefits
Overview
Digi’s XStream-PKG RF modems can be configured in minutes
to provide low-cost serial cable replacement between all types
of electronic devices. Available in 900 MHz and 2.4 GHz
models, XStream-PKG modems provide transmission ranges of
up to 20 miles in a low-cost wireless solution. The modems are
coupled with a DIP-switchable RS-232/422/485 interface board
and regularly outperform more expensive RF modems.
Innovations stamped in their design enable XStream-PKG
modems to yield two- to eight-times the range of competing
modems. This allows OEMs and integrators to cover more
ground with fewer devices. Additionally, XStream-PKG
modems are easy to use, thereby reducing the complexity of
data system development.
Available in a variety of data interface options, including
RS-232/422/485 serial, USB and telephone, XStream-PKG
modems can wirelessly connect a variety of devices across many
applications including remote monitoring, building automation/
security, industrial automation/SCADA, fleet management/asset
tracking and sensor data capture in embedded systems.
900 MHz and 2.4 GHz stand-alone RF modems provide
outstanding range (up to 20 miles) in a low-cost wireless
solution.
• Indoor/Urbanrangeupto1500feet
• Outdoorline-of-sightrangeupto20miles
(withhighgainantenna)
• 7frequencyhoppingchannels,eachwith65K
availableaddresses
• Outstandingreceiversensitivity(-110dB@9600bps)
• Lowpowerconsumptionforpower-sensitiveapplications
- Pin,serialportandcyclicsleepmodesavailable
• Performsretriesandacknowledgmentsforreliable
packetdelivery
• Easyout-of-the-boxoperation—noconfiguration
necessary
• Durableindustrialgradeenclosure
100 mW/900 MHz or 50 mW/2.4 GHz Stand-Alone Radio Modems
XStream®-PKG
RF Modems


Similar Part No. - XH9-019PKC-R

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
XH922-150.0M CONNOR-WINFIELD-XH922-150.0M Datasheet
116Kb / 2P
High Reliability Surface Mount LVCMOS Clock Oscillator Series
XH923-150.0M CONNOR-WINFIELD-XH923-150.0M Datasheet
116Kb / 2P
High Reliability Surface Mount LVCMOS Clock Oscillator Series
XH932-150.0M CONNOR-WINFIELD-XH932-150.0M Datasheet
116Kb / 2P
High Reliability Surface Mount LVCMOS Clock Oscillator Series
XH933-150.0M CONNOR-WINFIELD-XH933-150.0M Datasheet
116Kb / 2P
High Reliability Surface Mount LVCMOS Clock Oscillator Series
More results

Similar Description - XH9-019PKC-R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8001 AD-AD8001 Datasheet
222Kb / 16P
800 MHz, 50 mW Current Feedback Amplifier
REV.C
logo
Molex Electronics Ltd.
0479500011 MOLEX11-0479500011 Datasheet
109Kb / 6P
2.4/ 5GHz Stand Alone Antenna (34.9mm*9mm)
0479501001 MOLEX11-0479501001 Datasheet
109Kb / 6P
2.4/ 5GHz Stand Alone Antenna (34.9mm*9mm)
0479501011 MOLEX11-0479501011 Datasheet
109Kb / 6P
2.4/ 5GHz Stand Alone Antenna (34.9mm*9mm)
logo
Analog Devices
AD8001ARTZ-REEL7 AD-AD8001ARTZ-REEL7 Datasheet
388Kb / 16P
800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001ANZ AD-AD8001ANZ Datasheet
562Kb / 17P
800 MHz, 50 mW Current Feedback Amplifier
REV. D
logo
Murata Manufacturing Co...
HN-1010 MURATA-HN-1010 Datasheet
130Kb / 2P
2.4 GHz Stand-Alone Modems
logo
List of Unclassifed Man...
X09-009PKI-R ETC2-X09-009PKI-R Datasheet
1Mb / 2P
900 MHz and 2.4 GHz stand-alone RF modems provide outstanding range (up to 20 miles) in a low-cost wireless solution.
logo
Micro Commercial Compon...
BZT52C2V4LP MCC-BZT52C2V4LP_16 Datasheet
450Kb / 4P
100 mW Zener Diode 2.4 to 39 Volts
logo
Molex Electronics Ltd.
PS-47950-011 MOLEX-PS-47950-011 Datasheet
105Kb / 6P
2.4/ 5GHz Stand Alone Antenna (34.9mm*15.9mm)
2015-04-14
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com