Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP0035 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # FP0035
Description  P-CHANNEL POWER MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

FP0035 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  FP0035 Datasheet HTML 1Page - Solid States Devices, Inc FP0035 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SOLID STATE DEVICES, INC.
SFF9130-28D
PRELIMINARY
ELECTRICAL CHARACTERISTICS @ TJ =25
oC (Unless Otherwise Specified)
V
Drain to Source Breakdown Voltage
(VGS =0 V, ID =1mA)
-
BVDSS
-
RATING
SYMBOL
MIN
TYP
MAX
UNIT
-100
S
Drain to Source ON State Resistance 1/
(VGS = -10 V)
-
-
RDS(on)
0.30
0.35
-
-
V
Gate Threshold Voltage
(VDS =VGS, ID =250
:A)
-
VGS(th)
-4.0
-2.0
S(
É)
Forward Transconductance
(VDS > ID(on) x RDS (on) Max, IDS = 7A)
5.0
gfs
-
3.0
:A
Zero Gate Voltage Drain Current
(VDS = 80% rated VDS, VGS =0 V, TA = 25
oC )
(VDS = 80% rated VDS, VGS =0 V, TA = 125
oC )
-
-
IDSS
-
-
Gate to Source Leakage Forward
Gate to Source Leakage Reverse
-
-
IGSS
-100
100
-
-
At rated VGS
Total Gate Charge
Gate to Source Charge
Gate to Drain Charge
VGS = -10 Volts
50% rated VDS
ID = -11A
Qg
Qgs
Qgd
15
1
2
26
3
14
29
7.1
21
nsec
Turn on Delay Time
Rise Time
Turn off DELAY Time
Fall Time
VDD = 50% of
rated VDS
ID = 11A
RG = 7.5
S
td (on)
tr
td (off)
tf
-
-
-
-
15
10
30
12
60
140
140
140
V
-
VSD
-4.7
-
Diode Reverse Recovery Time
Reverse Recovery Charge
125
-
trr
QRR
250
3
-
-
TJ = 25oC
IF = 10A
di/dt = 100A/
:sec
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
VGS = 0 Volts
VDS = -25 Volts
f = 1 MHz
Ciss
Coss
Crss
-
-
-
860
350
125
-
-
-
pF
nsec
:C
For thermal derating curves and other characteristic curves please contact SSDI Marketing Department.
Diode Forward Voltage
(IS = rated ID, VGS = 0V, TJ = 25
oC)
nC
nA
-25
250
ID = 7A
ID = 11A
NOTES:
1/ All package pins of the same terminations (Drain/Source/Gate) must be connected together to minimize
RDS(on) and maximize current carrying capability.
V
Temperature Coefficient of Breakdown Voltage
0.87
)BVDSS
)TJ
-
-
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com