Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP0035 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # FP0035
Description  P-CHANNEL POWER MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

FP0035 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  FP0035 Datasheet HTML 1Page - Solid States Devices, Inc FP0035 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRELIMINARY
SOLID STATE DEVICES, INC.
SFF9130-28D
FEATURES:
DATA SHEET #: FP0035D
MAXIMUM RATINGS
VGS
±
20
Volts
Gate to Source Voltage
ID
-11
-7
Continuous Drain Current
Drain to Source Voltage
VDS
-100
Amps
Volts
Watts
• Rugged construction with poly silicon gate
• Low RDS (on) and high transconductance
• Excellent high temperature stability
• Very fast switching speed
• Fast recovery and superior dv/dt performance
• Increased reverse energy capability
• Low input transfer capacitance for easy paralleling
• Hermetically sealed surface mount package
• TX, TXV and Space Level screening available
• Replaces: 2x IRF9130 Types
28 PIN CLCC
-11 AMP
-100 VOLTS
0.30
S
DUAL UNCOMMITED
P-CHANNEL POWER MOSFET
Total Device Dissipation
PD
36
37
Thermal Resistance, Junction to Case (Both)
R2JC
Top & Tstg
-55 to +150
Operating and Storage Temperature
oC
DESIGNER'S DATA SHEET
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
oC/W
3.5
CHARACTERISTIC
SYMBOL
VALUE
UNIT
PACKAGE OUTLINE: 28 PIN CLCC
PIN OUT:
SOURCE (1): 16 - 21
DRAIN (1):
24 - 28
GATE (1):
22
SOURCE (2): 9 - 14
DRAIN (2):
2 - 6
GATE (2):
8
NOTE:
All drain/source pins must be connected on
the PC board in order to maximize current
carrying capability and to minimize RDS (on)
TC = 25
oC
TC = 100
oC
TC = 25
oC
TC = 55
oC
EAS
84
mJ
Single Pulse Avalange Energy
EAR
7.5
mJ
Repetitive Avalange Energy
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773


Similar Part No. - FP0035

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
FP0035 SSDI-FP0035_15 Datasheet
268Kb / 2P
P-CHANNEL POWER MOSFET
More results

Similar Description - FP0035

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IRFN9240SMD SEME-LAB-IRFN9240SMD Datasheet
23Kb / 2P
P-CHANNEL POWER MOSFET
logo
Gunter Seniconductor Gm...
GFC9110 GSG-GFC9110 Datasheet
116Kb / 1P
P Channel Power MOSFET
GFC9140 GSG-GFC9140 Datasheet
116Kb / 1P
P Channel Power MOSFET
GFC9210 GSG-GFC9210 Datasheet
112Kb / 1P
P Channel Power MOSFET
GFC9240 GSG-GFC9240 Datasheet
115Kb / 1P
P Channel Power MOSFET
logo
Infineon Technologies A...
BSB027P03LX3G INFINEON-BSB027P03LX3G Datasheet
1Mb / 13P
p-Channel Power MOSFET
1.9, 2011-03-02
logo
Unisonic Technologies
UT3P01Z UTC-UT3P01Z_10 Datasheet
173Kb / 4P
P CHANNEL POWER MOSFET
logo
ACE Technology Co., LTD...
ACE5208 ACE-ACE5208 Datasheet
943Kb / 6P
P-Channel Power MOSFET
VER 1.1
logo
Solid States Devices, I...
FP0007 SSDI-FP0007_15 Datasheet
220Kb / 2P
P-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM150P03 TSC-TSM150P03 Datasheet
393Kb / 6P
P-Channel Power MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com