Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3FZ-R61H2M Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # E3FZ-R61H2M
Description  Easy mounting photoelectric sensor in short M18 housing
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3FZ-R61H2M Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button E3FZ-R61H2M Datasheet HTML 5Page - Omron Electronics LLC E3FZ-R61H2M Datasheet HTML 6Page - Omron Electronics LLC E3FZ-R61H2M Datasheet HTML 7Page - Omron Electronics LLC E3FZ-R61H2M Datasheet HTML 8Page - Omron Electronics LLC E3FZ-R61H2M Datasheet HTML 9Page - Omron Electronics LLC E3FZ-R61H2M Datasheet HTML 10Page - Omron Electronics LLC E3FZ-R61H2M Datasheet HTML 11Page - Omron Electronics LLC E3FZ-R61H2M Datasheet HTML 12Page - Omron Electronics LLC E3FZ-R61H2M Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9
E3FZ/E3FR
Sensing Object Size vs. Distance
Spot Diameter vs. Distance
Diffuse reflective Models
BGS Models
E3F
@-D@2(D@7)
E3F
@-LS@1H(LS@6H)
E3F
@-LS@4H(LS@9H)
Sensing Distance vs. Sensing Object Material
Inclination Characteristics (Vertical)
BGS Models
BGS Models
E3F
@-LS@1H(LS@6H)
E3F
@-LS@4H(LS@9H)
E3F
@-LS@1H(LS@6H)
Inclination Characteristics (Horizontal)
BGS Models
E3F
@-LS@1H(LS@6H)
E3F
@-LS@4H(LS@9H)
E3F
@-LS@4H(LS@9H)
Sensing object: White paper
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
1.8
0.0
600
100
200
300
400
500
0
Length d of sensing object (mm)
d
d
10
8
6
4
2
12
0
20
40
60
80
100
0
Distance (mm)
18
16
14
12
10
8
6
4
2
20
0
50
100
150
200
250
0
Distance (mm)
120
100
80
60
40
20
0
White
paper
Veneer Card-
board
Black
paper
Black
rubber
SUS
Mirror
surface
Material
250
200
150
100
50
0
White
paper
Veneer Card-
board
Black
paper
Black
rubber
SUS
Mirror
surface
Material
8
6
4
2
0
-2
-4
-6
-8
10
-10
80
40
20
60
0
-40
-20
-60
-80
Inclination angle
(
°)
+θ
−θ
Upwards and
Downwards
Center
line
Sensing
object
Inclination
angle
40
30
20
10
0
10
20
30
40
50
50
80
40
20
60
0
-40
-20
-60
-80
(Left and Right)
Center
line
Sensing
object
Inclination
angle
Inclination angle
(
°)
+θ
−θ
40
30
20
10
0
10
20
30
40
50
50
80
40
20
60
0
-40
-20
-60
-80
+θ
−θ
Inclination
angle
(Left and Right)
Center
line
Sensing
object
Inclination angle
(
°)
40
30
20
10
0
10
20
30
40
50
50
80
40
20
60
0
-40
-20
-60
-80
Center
line
Sensing
object
Upwards and
Downwards
Inclination
angle
Inclination angle
(
°)
+θ
+θ
E55E-EN-01+E3FZ-E3FR+Datasheet.FM Seite 9 Dienstag, 15. April 2008 5:17 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com