Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3FZ-R61H2M Datasheet(PDF) 13 Page - Omron Electronics LLC

Part # E3FZ-R61H2M
Description  Easy mounting photoelectric sensor in short M18 housing
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3FZ-R61H2M Datasheet(HTML) 13 Page - Omron Electronics LLC

Back Button E3FZ-R61H2M Datasheet HTML 9Page - Omron Electronics LLC E3FZ-R61H2M Datasheet HTML 10Page - Omron Electronics LLC E3FZ-R61H2M Datasheet HTML 11Page - Omron Electronics LLC E3FZ-R61H2M Datasheet HTML 12Page - Omron Electronics LLC E3FZ-R61H2M Datasheet HTML 13Page - Omron Electronics LLC E3FZ-R61H2M Datasheet HTML 14Page - Omron Electronics LLC E3FZ-R61H2M Datasheet HTML 15Page - Omron Electronics LLC E3FZ-R61H2M Datasheet HTML 16Page - Omron Electronics LLC E3FZ-R61H2M Datasheet HTML 17Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
13
E3FZ/E3FR
E3FR Series
Pre-wired models
Connector models
E3FR-T
@1H 2M
E3FR-R
@1H 2M
E3FR-LS
@1H 2M
E3FR-D
@2 2M
Power indicator (green)
Optical axis
25.75
10.75
18.25
M18x1 6g
4 dia
30.35
16.25
R8.3
Optical axis
25.75
10.75
18.25
M18x1 6g
M12x1 6g
R8.3
Stability indicator (green)
Operation indicator (yellow)
30.35
16.25
Emitter
Receiver
Stability indicator (green)
Operation indicator (yellow)
Receiver
Emitter
Optical axis
3.50
25.75
10.75
18.25
M18x1 6g
4 dia
30.35
16.25
R8.3
Receiver
Emitter
Optical axis
3.50
25.75
10.75
18.25
M18x1 6g
M12x1 6g
R8.3
Stability indicator (green)
Operation indicator (yellow)
Sensitivity adjuster
Receiver
Emitter
Optical axis
3.50
25.75
10.75
18.25
M18x1 6g
4 dia
30.35
22.55
16.25
R8.3
Receiver
Emitter
Optical axis
3.50
25.75
10.75
18.25
M18x1 6g
M12x1 6g
R8.3
E55E-EN-01+E3FZ-E3FR+Datasheet.FM Seite 13 Dienstag, 15. April 2008 5:17 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com