Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NET-READY141 Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # NET-READY141
Description  NET-Ready Optical Protection Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

NET-READY141 Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  NET-READY141 Datasheet HTML 1Page - OPLINK Communications Inc. NET-READY141 Datasheet HTML 2Page - OPLINK Communications Inc. NET-READY141 Datasheet HTML 3Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
S**** - R01. 2011.07.01
Introduction
Features
1:1 NET-Ready Optical Protection
Switch
1:1 Net-Ready Platform
In today’s network, protection switching at optical layer is a subject
of great importance to the carriers. As a member of Oplink’s NET-
Ready product family, Oplink’s NET-Ready series protection switches
offer various protection schemes against fiber cuts and network fail-
ures.
(1:1) Protection
A (1:1) optical protection system provides two diverse routes for
the same link using optical switches at both ends. In case of working
fiber link failure, both ends switch to protection link.The (1:1) NET-
Ready protection switches in 1x2 or 2x2 switch configurations pro-
vide this type of protection.The same switch fits both point-to-point
and shared protection switching ring architectures.Multiple Control
Modes
Multiple Control Modes
NET-Ready (1:1) protection switch provides both Manual and Auto-
matic switching modes. In Manual mode, the system switches only
based on commands from user. In Automatic mode, system switches
based on power level detected and pre-set threshold. Automatic
mode has two sub-modes: Revertive and Non-revertive. Under Re-
vertive mode, system switches back to working path automatically
after fault condition is cleared. Revertive mode needs an external
signaling channel to realize. Under Non-revertive mode, the system
stays at protection link and switch back only when current protec-
tion link has failure.
Programmable Threshold and Hysteresis
Alarm and switching threshold and hysteresis are programmable re-
motely or locally.
Remote Management and Alarm
NET-Ready (1:1) protection switch provides remote system configu-
ration and management through SNMP. Web GUI and CLI is also
provided for user to manage the system locally via Ethernet or craft
RS-232 interface respectively.
Independent of data rate, format and
wavelength
Highly configurable to fit network applications
Simple, plug-and-play installation
User-definable thresholds and hysteresis
User-selectable Revertive and Non-revertive
modes
Latching optical switch
Remote configuration through SNMP
management interface
Front panel LED and remote alarm


Similar Part No. - NET-READY141

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
NET-READY OPLINK-NET-READY Datasheet
681Kb / 3P
Protection Switch
More results

Similar Description - NET-READY141

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
CNY36 QT-CNY36 Datasheet
257Kb / 3P
SLOTTED OPTICAL SWITCH
H21A4 QT-H21A4 Datasheet
294Kb / 4P
SOLTTED OPTICAL SWITCH
H22A4 QT-H22A4 Datasheet
290Kb / 4P
SLOTTED OPTICAL SWITCH
H22B4 QT-H22B4 Datasheet
294Kb / 4P
SLOTTED OPTICAL SWITCH
OPB862N51 QT-OPB862N51 Datasheet
141Kb / 2P
SLOTTED OPTICAL SWITCH
QVB11123 QT-QVB11123 Datasheet
185Kb / 3P
SLOTTED OPTICAL SWITCH
logo
OPTEK Technologies
OPB818 OPTEK-OPB818 Datasheet
234Kb / 2P
SLOTTED OPTICAL SWITCH
OPB857 OPTEK-OPB857 Datasheet
233Kb / 2P
Slotted Optical Switch
logo
EPCOS
B59943 EPCOS-B59943 Datasheet
71Kb / 3P
Overcurrent Protection Leaded Disks, Coated, 42 V Power Net
logo
EnOcean GmbH.
38200-400 ENOCEAN-38200-400 Datasheet
307Kb / 2P
Net Server
003-0526-01A rev 09/2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com