Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NET-READY141 Datasheet(PDF) 2 Page - OPLINK Communications Inc.

Part # NET-READY141
Description  NET-Ready Optical Protection Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

NET-READY141 Datasheet(HTML) 2 Page - OPLINK Communications Inc.

  NET-READY141 Datasheet HTML 1Page - OPLINK Communications Inc. NET-READY141 Datasheet HTML 2Page - OPLINK Communications Inc. NET-READY141 Datasheet HTML 3Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Oplink Communications, Inc
1:1 Net-Ready Platform
1:1 NET-Ready Optical Protection Switch
Parameter
Value
Unit
Operation Wavelength range (λ
Op)
O-, C- or L-band
Switch
1x2 switch insertion loss
@ 23 °C, λ
Op
< 0.6
dB
@ 23 °C, λ
Op (include 5% tap)
< 1.2
2x2 switch insertion loss
@ 23 °C, λ
Op
< 0.8
dB
@ 23 °C, λ
Op (include 5% tap)
< 1.4
Wavelength dependent (WDL)
< 0.2
dB
Temperature dependent loss (TDL, 0~70°C)
< 0.2
dB
Polarization dependent loss (PDL)
< 0.1
dB
Return loss (with connector)
> 45
dB
Channel cross talk
> 55
dB
Repeatability
<±0.05
dB
Optical switching time (from electrical trigger to 90% stable optical output)
< 10 (typical = 3)
ms
Durability
> 10 million
cycles
Optical input power monitoring range
- 30~10 typical
dBm
Optical power reading accuracy
<±1.0
dB
Operating temperature range
0 to 60
°C
Operating relative humidity
< 95%RH, non-condensing
Storage temperature range
-20 to 70
°C
Storage relative humidity
< 95%RH, non-condensing
1RU 19”and 23”rack mountable chassis
438 x 291 x 43.4
mm
Weight
approx. 3.5
kg
One RJ-11 RS232 craft interface
One RJ-45 (100M) Ethernet ports
48V DC power supply, dual A/B power for feed redundancy
100-240V AC power supply. Fan used for AC.
Power consumption < 4 W
SC/PC adaptor as optical interface or customer defined, single mode fiber SMF-28
[1] IL excludes connectors.
[2] All band (1260~1620nm) Ultra-flat 1x2 Switch or 2x2 are also available.
Performance Specification
SNMP v1, v2c management interface, compliant to standard MIB browser
TL1, compliant with GR-831-CORE
Task-oriented Web GUI
Command-line interface (CLI) based management console
FTP, Telnet/RLOGIN
GR-1221-CORE, GR-1073-CORE, UL, FCC
Designed to meet NEBS, ETSI
Optical Performance
Environmental
Physical
Interface and Power
Management
Physical



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com